Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056AF Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV0056AF
Description  SATELLITE SOUND AND VIDEO PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056AF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV0056AF Datasheet HTML 13Page - STMicroelectronics STV0056AF Datasheet HTML 14Page - STMicroelectronics STV0056AF Datasheet HTML 15Page - STMicroelectronics STV0056AF Datasheet HTML 16Page - STMicroelectronics STV0056AF Datasheet HTML 17Page - STMicroelectronics STV0056AF Datasheet HTML 18Page - STMicroelectronics STV0056AF Datasheet HTML 19Page - STMicroelectronics STV0056AF Datasheet HTML 20Page - STMicroelectronics STV0056AF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
4
Vbg 1.2V
V
REF (2.4V)
10k
10k
GND 0V
400
µA
43
Figure 24
1
V
REF 2.4V
Pins 59 - 53
LEVEL R
LEVEL L
50k
100
µA
49k
49k
SW
Audio
Figure 25
1
V
REF 2.4V
Pins 58 - 54
PK IN R
PK IN L
67k
100
µA
To Peak Det
Figure 26
Video Pads
V
DD 5V
GND 5V
Digital Pads
205
A 12V
A GND R
Audio Pads
+
BIP
12V
-
Substrate
DZPN1
DZPN1
DZPN1
BIP 10vpl
Vpp
Vmm
56
Pins 41 - 42
A GND L
Pins 10 - 11
V 12V
Pins 13 - 14
V GND
32
33
Figure 27
VREF
The 400
µA source is off during stand-by mode.
LEVEL L, LEVEL R
PK IN L, PK IN R
V 12V
Doubled bonded (two bond wires and two pads for
one package pin) :
- One pad is connected to all of the 12V ESD and
video guard rings.
- The second pad is connected to power up the
video block.
V GND
Doubled bonded :
- One pad is connectedto power-up all of the video
mux and I/O.
- The second pad is only as a low noise GND for
the video input.
VDD 5V, GND 5V
Connected to XTL oscillator and the bulk of the
CMOS logic and 5V ESD.
A GND
Doubled bonded :
- One pad connected to the left VCO, dividers,
mixers and guard ring. the guard connection is
star connected directly to the pad.
- The second pad is connected to both AGC amps
and the deemphasis amplifiers, frequency syn-
thesis and FM deviation selection circuit for both
channels.
A 12V
Doubled bonded :
- One pad connected to the ESD and guard ring.
- The second pad is connected to the main power
for all of the audio parts.
A GND R
Boubled bonded :
- One pad connected to the right VCO, dividers,
mixers and guard ring. The guard connection is
star connected directly to the pad.
- The second pad is connected to the bias block,
audio noise reduction, volume, mux and ESD.
A third bond wire on this pin is connected directly
to the die pad (substrate).
PIN INTERNAL CIRCUITRY (continued)
STV0056AF
17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com