Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056AF Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV0056AF
Description  SATELLITE SOUND AND VIDEO PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056AF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV0056AF Datasheet HTML 19Page - STMicroelectronics STV0056AF Datasheet HTML 20Page - STMicroelectronics STV0056AF Datasheet HTML 21Page - STMicroelectronics STV0056AF Datasheet HTML 22Page - STMicroelectronics STV0056AF Datasheet HTML 23Page - STMicroelectronics STV0056AF Datasheet HTML 24Page - STMicroelectronics STV0056AF Datasheet HTML 25Page - STMicroelectronics STV0056AF Datasheet HTML 26Page - STMicroelectronics STV0056AF Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
FM DEMODULATION SOFTWARE ROUTINE
With the STV0056AFcircuit, for each channel,three
steps are required to acheive a FM demodulation :
-1
st step :To set the demodulationparameters :
• FM deviation selection,
• Subcarrier frequency selection.
-2
nd step : To implement a waiting loop to check
the actual VCO frequency.
-3
rd step :To close the demodulationphase locked
loop (PLL).
Refering to the FM demodulation block diagram
(page 12), the frequency synthesis block is com-
mon to both channels (left and right) ; consequently
two completesequenceshave to be done one after
the other when demodulating stereo pairs.
Detailed Description
Conventions :
- R = Stands for Register
- B = Stands for Bit
Example : R05 B2 = Register 05, Bit 2
For clarity, the explanations are based on the fol-
l ow ing example : st ereo pai r 7.02MHz /L
7.20MHz/R, deviation
±50kHz max.
1st STEP (LEFT) : SETTING THE DEMODULATION PARAMETERS
A. The FM deviation is selected by loading R5 with
the appropriate value. (see R5 truth table).
NB : Very wide deviations (up to
±592kHz) can be
accomodated when R5 B5 is low.
Corresponding bandwidth can be calculated as
follows :
Bw
≈ 2 (FM deviation + audio bandwidth)
Bw
≈ 2 (value given in table + audio bandwidth)
In the example :
R5Bits 7654
32
1
0
XX1
1
0
1
1
0
B. The subcarrier
frequency
is selected
by
launching a frequency synthesis (the VCO is driven
to the wanted frequency). This operation requires
two actions :
- To connect the VCO to the frequency synthesis
loop. Refering to the FM block diagram (page 12):
• SW4 closed ⇒ R6 B2 = H
• SW3 to bias ⇒ R6 B4 = L
• SW2 to bias ⇒ R6 B3 = L
• SW1 opened ⇒ R6 B5 = L
- To load R7 and R6 B6 B7 with the value corre-
sponding to the left channel frequency. This 10
bits value is calculated as follows :
Subcarrier frequency = coded value x 10kHz
(10kHz is the minimum step of the frequency
synthesis function)
Considering that the tunning range is comprised
between 5 to 10MHz, thecoded value is a number
between 500 and 1000 (2
10 = 1024) then 10 bits
are required.
Example :
7.02MHz = 702 x 10kHz
702
⇒ 1010 1111 10 ⇒ AF + 10
R7 is loaded with AF and R6 B6 : L, R6 B7 : H.
The Table 1 gives the setting for the most common
subcarrier frequencies.
Table 1 : Frequency Synthesis Register Setting
for the Most Common Subcarrier Frequencies
Subcarrier Frequency
(MHz)
Register 7
(Hex)
Register 6
Bit 7
Bit 6
5.58
8B
1
0
5.76
90
0
0
5.8
91
0
0
5.94
94
1
0
6.2
9B
0
0
6.3
9D
1
0
6.4
A0
0
0
6.48
A2
0
0
6.5
A2
1
0
6.6
A5
0
0
6.65
A6
0
1
6.8
AA
0
0
6.85
AB
0
1
7.02
AF
1
0
7.20
B4
0
0
7.25
B5
0
1
7.38
B8
1
0
7.56
BD
0
0
7.74
C1
1
0
7.85
C4
0
1
7.92
C6
0
0
8.2
CD
0
0
8.65
D8
0
1
STV0056AF
23/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com