Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30201 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 69Page - Renesas Technology Corp M30201 Datasheet HTML 70Page - Renesas Technology Corp M30201 Datasheet HTML 71Page - Renesas Technology Corp M30201 Datasheet HTML 72Page - Renesas Technology Corp M30201 Datasheet HTML 73Page - Renesas Technology Corp M30201 Datasheet HTML 74Page - Renesas Technology Corp M30201 Datasheet HTML 75Page - Renesas Technology Corp M30201 Datasheet HTML 76Page - Renesas Technology Corp M30201 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer X
72
Item
Specification
f1, f8, f32, fC32
• Down counts (operating as an 8-bit or a 16-bit pulse width modulator)
• The timer reloads a new count at a rising edge of PWM pulse and continues counting
• The timer is not affected by a trigger that occurs when counting
• "H" level width n / fi
n : Set value
• Cycle time
(216-1) / fi fixed
• "H" level width n (m+1)/ fi n:values set to timer Xi register’s high-order address
• Cycle time (28-1) (m+1) / fi m : values set to timer Xi register’s low-order address
• The timer overflows
• The count start flag is set (= 1)
• The count start flag is reset (= 0)
• Set value of "H" level width is except FF16, 0016 : PWM pulse goes “L”
• Set value of "H" level width is FF16, 0016 : Timing that count value goes to 0116
• Set value of "H" level width is except FFFF16, 000016 : PWM pulse goes “L”
• Set value of "H" level width is FFFF16, 000016 : Timing that count value goes to 000116
Pulse output
When timer Xi register is read, it indicates an indeterminate value
• When counting stopped
When a value is written to timer Xi register, it is written to both reload register and counter
• When counting in progress
When a value is written to timer Xi register, it is written to only reload register
(Transferred to counter at next reload time)
(5) Pulse width modulation (PWM) mode
In this mode, the timer outputs pulses of a given width in succession. (See Table 1.24.) In this mode, the counter
functions as either a 16-bit pulse width modulator or an 8-bit pulse width modulator. Figure 1.66 shows the timer
Xi mode register in pulse width modulation mode. Figure 1.67 shows the example of how a 16-bit pulse width
modulator operates. Figure 1.68 shows the example of how an 8-bit pulse width modulator operates.
Figure 1.66. Timer Xi mode register in pulse width modulation mode
Table 1.24. Timer specifications in pulse width modulation mode
Bit name
Function
Bit symbol
Operation mode
select bit
1 1 : PWM mode
b1 b0
TMOD1
TMOD0
MR0
MR2
MR1
MR3
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
W
R
11
1
1 (Must always be “1” in PWM mode)
16/8-bit PWM mode
select bit
0: Functions as a 16-bit pulse width modulator
1: Functions as an 8-bit pulse width modulator
Trigger select bit
0: Count start flag is valid
1: Selected by event/trigger select register
Note 1: TXiINOUT pin inout cannot be selected by the event/trigger select bit(addresses 038316).
Note 2: Set the corresponding port direction register to “1” (output mode).
Timer Xi mode register
Symbol
Address
When reset
TXiMR(i = 0 to 2) 039716 to 039916
0016
b7 b6
b5
b4
b3
b2
b1 b0
Invalid in PWM mode. Can be “0” or “1”.
(Note 1)
Count source
Count operation
16-bit PWM
8-bit PWM
Count start condition
Count stop condition
8 bits PWM
16 bits PWM
TXiINOUT pin function
Read from timer
Write to timer
Interrupt
request
generation
timing
Note: When set value of "H" level width is 0016 or 000016, pulse outputs "L" level and inversion value, FF16 or FFFF16 is set to timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com