Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30201 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 82Page - Renesas Technology Corp M30201 Datasheet HTML 83Page - Renesas Technology Corp M30201 Datasheet HTML 84Page - Renesas Technology Corp M30201 Datasheet HTML 85Page - Renesas Technology Corp M30201 Datasheet HTML 86Page - Renesas Technology Corp M30201 Datasheet HTML 87Page - Renesas Technology Corp M30201 Datasheet HTML 88Page - Renesas Technology Corp M30201 Datasheet HTML 89Page - Renesas Technology Corp M30201 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
85
Figure 1.79. UARTi transmit/receive mode register in UART mode
Clock asynchronous serial I/O (UART) mode
Symbol
Address
When reset
UiMR(i=0,1)
03A016, 03A816
0016
CKDIR
UARTi transmit / receive mode registers
Internal / external clock
select bit (Note 1)
STPS
PRY
PRYE
SLEP
0 : Internal clock (Note 2)
1 : External clock (Note 3)
Bit name
Function
Bit symbol
W
R
b7 b6
b5
b4
b3
b2
b1 b0
SMD0
SMD1
SMD2
Serial I/O mode select bit
b2 b1 b0
0 : One stop bit
1 : Two stop bits
0 : Parity disabled
1 : Parity enabled
0 : Sleep mode deselected
1 : Sleep mode selected
1 0 0 : Transfer data 7 bits long
1 0 1 : Transfer data 8 bits long
1 1 0 : Transfer data 9 bits long
Valid when bit 6 = “1”
0 : Odd parity
1 : Even parity
Stop bit length select bit
Odd / even parity
select bit
Parity enable bit
Sleep select bit
Note 1: UART1 can use only internal clock. Must set this bit to “1”.
Note 2: Set the corresponding port direction register to “1” (output mode).
Note 3: Set the corresponding port direction register to “0” (input mode).
Table 1.28 lists the functions of the input/output pins during UART mode. Note that for a period from
when the UARTi operation mode is selected to when transfer starts, the TxDi pin outputs a “H”. (If the N-
channel open-drain is selected, this pin is in floating state.)
Table 1.28. Input/output pin functions in UART mode
Pin name
Function
Method of selection
TxDi
(P50, P40)
Serial data output
Serial data input
Programmable I/O port
Transfer clock input
RxDi
(P51, P42)
CLK0
(P52)
Internal/external clock select bit (bit 3 at address 03A016) = “0”
Internal/external clock select bit (bit 3 at address 03A016) = “1”
Port P51 and P42 direction register (bit 1 at address 03EB16, bit 2 at
address 03EA16)= “0”
(Can be used as an input port when performing transmission only)
Port P51 and P42 direction register (bit 0 at address 03EB16, bit 0 at
address 03EA16)= “1”
(Can be used as an input port when performing reception only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com