Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30201 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M30201
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M30201 Datasheet HTML 1Page - Renesas Technology Corp M30201 Datasheet HTML 2Page - Renesas Technology Corp M30201 Datasheet HTML 3Page - Renesas Technology Corp M30201 Datasheet HTML 4Page - Renesas Technology Corp M30201 Datasheet HTML 5Page - Renesas Technology Corp M30201 Datasheet HTML 6Page - Renesas Technology Corp M30201 Datasheet HTML 7Page - Renesas Technology Corp M30201 Datasheet HTML 8Page - Renesas Technology Corp M30201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 172 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
1
------Table of Contents------
Description
The M30201 group of single-chip microcomputers are built using the high-performance silicon gate CMOS
process using a M16C/60 Series CPU core. M30201 group is packaged in a 52-pin plastic molded SDIP, or
56-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions
featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of execut-
ing instructions at high speed.
The M30201 group includes a wide range of products with different internal memory types and sizes and
various package types.
Features
• Basic machine instructions .................. Compatible with the M16C/60 series
• Memory capacity .................................. ROM/RAM (See figure 1.4. ROM expansion.)
• Shortest instruction execution time ...... 100ns (f(XIN)=10MHz)
• Supply voltage ..................................... 4.0 to 5.5V (f(XIN)=10MHz) :mask ROM version
2.7 to 5.5V (f(XIN)=3.5MHz ):mask ROM version
4.0 to 5.5V (f(XIN)=10MHz) :flash memory version
• Interrupts .............................................. 13 internal and 3 external interrupt sources, 4 software
(including key input interrupt)
• Multifunction 16-bit timer ...................... Timer A x 1, timer B x 2, timer X x 3
• Clock output
• Serial I/O .............................................. 1 channel for UART or clock synchronous, 1 for UART
• A-D converter ....................................... 10 bits X 8 channels (Expandable up to 13 channels)
• Watchdog timer .................................... 1 line
• Programmable I/O ............................... 43 lines
• LED drive ports .................................... 8 ports
• Clock generating circuit ....................... 2 built-in clock generation circuits
(built-in feedback resistor, and external ceramic or quartz oscillator)
Applications
Home appliances, Audio, office equipment, Automobiles
Timer ............................................................. 47
Serial I/O ....................................................... 74
A-D Converter ............................................... 88
Programmable I/O Ports ............................... 98
Electric Characteristics ............................... 110
Flash Memory version ................................. 124
Central Processing Unit (CPU) ..................... 12
Reset ............................................................. 15
Clock Generating Circuit ............................... 19
Protection ...................................................... 26
Interrupts ....................................................... 27
Watchdog Timer ............................................ 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com