Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC133 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HVC133
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC133 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HVC133 Datasheet HTML 1Page - Renesas Technology Corp HVC133 Datasheet HTML 2Page - Renesas Technology Corp HVC133 Datasheet HTML 3Page - Renesas Technology Corp HVC133 Datasheet HTML 4Page - Renesas Technology Corp HVC133 Datasheet HTML 5Page - Renesas Technology Corp HVC133 Datasheet HTML 6Page - Renesas Technology Corp HVC133 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HVC133
Rev.2, Feb. 2000, page 2 of 5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
30
V
Power dissipation
P
d
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
V
R
30
—
—
V
I
R = 1µA
Reverse current
I
R
—
—
100
nA
V
R = 25V
Forward voltage
V
F
—
—
0.85
V
I
F = 2 mA
Capacitance
C
1
—
—
1.0
pF
V
R = 1V, f = 1 MHz
C
6
—
—
0.9
V
R = 6V, f = 1 MHz
Forward resistance
r
f
—
0.55
0.7
Ω
I
F = 2mA, f = 100 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com