Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC133 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC133
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC133 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC133 Datasheet HTML 1Page - Renesas Technology Corp HVC133 Datasheet HTML 2Page - Renesas Technology Corp HVC133 Datasheet HTML 3Page - Renesas Technology Corp HVC133 Datasheet HTML 4Page - Renesas Technology Corp HVC133 Datasheet HTML 5Page - Renesas Technology Corp HVC133 Datasheet HTML 6Page - Renesas Technology Corp HVC133 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HVC133
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
ADE-208-423B (Z)
Rev. 2
Feb. 2000
Features
• Low capacitance.(C1 = 1.0pF max)
• Low forward resistance. (rf = 0.7Ω max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVC133
P3
UFP
Pin Arrangement
12
P3
Cathode mark
Mark
1. Cathode
2. Anode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com