Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC133 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HVC133
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC133 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HVC133 Datasheet HTML 1Page - Renesas Technology Corp HVC133 Datasheet HTML 2Page - Renesas Technology Corp HVC133 Datasheet HTML 3Page - Renesas Technology Corp HVC133 Datasheet HTML 4Page - Renesas Technology Corp HVC133 Datasheet HTML 5Page - Renesas Technology Corp HVC133 Datasheet HTML 6Page - Renesas Technology Corp HVC133 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HVC133
Rev.2, Feb. 2000, page 3 of 5
Main Characteristic
0.1
10
10
1.0
0.1
1.0
f=1MHz
10
10
10
10
10
10
10
2
-5
-4
-3
-2
10
3
-1
f=100MHz
Forward voltage V (V)
F
Fig.2 Reverse current Vs. Reverse voltage
Fig.4 Forward resistance Vs. Forward current
Fig.3 Capacitance Vs. Reverse voltage
Fig.1 Forward current Vs. Forward voltage
Reverse voltage V (V)
R
Reverse voltage V (V)
R
Forward current I
(A)
F
10
1
0
0
30
10
20
15
10
5
25
10
-14
10
-13
-12
10
-11
10
-10
Ta= 75
°C
Ta= 25
°C
Ta= 50
°C
0
0.2
0.4
0.6
0.8
1.0
10
10
-4
10
-6
10
-8
10
-10
10
-12
-2
Ta= 75
°C
Ta= 25
°C
Ta= 50
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com