Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0680B-003 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV0680B-003
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680B-003 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV0680B-003 Datasheet HTML 18Page - STMicroelectronics STV0680B-003 Datasheet HTML 19Page - STMicroelectronics STV0680B-003 Datasheet HTML 20Page - STMicroelectronics STV0680B-003 Datasheet HTML 21Page - STMicroelectronics STV0680B-003 Datasheet HTML 22Page - STMicroelectronics STV0680B-003 Datasheet HTML 23Page - STMicroelectronics STV0680B-003 Datasheet HTML 24Page - STMicroelectronics STV0680B-003 Datasheet HTML 25Page - STMicroelectronics STV0680B-003 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
STV0680B hardware interfaces
STV0680B + VV6444/6410/6500
22/63
Version 3.4
Table 5 : Timing parameters for SDRAM read/write
4.3.3
SDRAM refresh period
The SDRAM refresh period from STV0680B is guaranteed to be no greater than 15.6
µS during
‘Snapshot’/self-timer/continuous/tethered video modes of operation (i.e. not standby mode). In
standby mode, the SDRAM is set to self-refresh, therefore no refresh from STV0680B takes place.
4.3.4
SDRAM initialisation period
The SDRAM initialisation period is currently set to 981
µS in STV0680B.
4.4
USB interface
STV0680B includes a USB Version 1.1 compliant Universal Serial Bus Interface, including a
transceiver. This allows direct connection from STV0680B to a USB connector with minimal
additional hardware (i.e. a small number of passive discretes) - see
Chapter 6
The USB interface interfaces the STV0680B to the USB at full speed 12MHz data rate. Some of the
features are:
q
Compliant with USB protocol revision 1.1.
q
USB protocol handling.
q
USB device state handling.
q
Clock and data recovery from USB.
q
Bit stripping and bit stuffing functions.
q
CRC5 checking, CRC16 generation and checking.
q
Serial to parallel conversion.
q
Single bulk end point.
USB drivers are supplied by ST. For USB timing information, please refer to the USB specification
V1.1.
Symbol
Min.
Max
Units
Symbol
Min.
Max
Units
tCK
166.45
166.89
ns
tDS
81.01
ns
tCH
½
tCK
tDH
83.41
ns
tCL
½
tCK
tRCD
1
tCK
tAC
½
tCK
tRAS
55
tCK
tOH
0ns
tRC
7
tCK
tCMS
82.88
ns
tRP
2
tCK
tCMH
82.85
ns
tRCD
1
tCK
tAS
82.88
ns
tAH
82.76
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com