Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0680B-003 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV0680B-003
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680B-003 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV0680B-003 Datasheet HTML 33Page - STMicroelectronics STV0680B-003 Datasheet HTML 34Page - STMicroelectronics STV0680B-003 Datasheet HTML 35Page - STMicroelectronics STV0680B-003 Datasheet HTML 36Page - STMicroelectronics STV0680B-003 Datasheet HTML 37Page - STMicroelectronics STV0680B-003 Datasheet HTML 38Page - STMicroelectronics STV0680B-003 Datasheet HTML 39Page - STMicroelectronics STV0680B-003 Datasheet HTML 40Page - STMicroelectronics STV0680B-003 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
Version 3.4
37/63
STV0680B+ VV6410/6411/6500
STV0680 Camera System Defect Specification
q
Sensors VV6410/6411/6444 and VV6500 shipped before end Q1 2001 require Anti-speckle 1
q
Sensors VV6500 shipped after start Q2 2001 require Anti-speckle 2
7.4
Definition of the "Test Conditions"
7.4.1
Optics
q
No Lens or IR filter
q
No dirt on sensor glass
7.4.2
Illumination and uniformity of scene
No lens should be used. The intensity of required illumination and the uniformity of the scene can be
defined thus. A defect-free image should give a luminosity histogramme (8 bits resolution) with the
following statistics:
1
Mean: (45% of full scale) < Mean < (65% of full scale). Ideal luminosity (mid grey) = 50-60% of
full scale.
2
Standard Deviation: Standard Deviation < 10.
7.5
Definition of a "Major Visible Defect"
Anything which is visible with the naked eye under the conditions described, is worthy of further
investigation. For example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com