Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0680B-003 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV0680B-003
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680B-003 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV0680B-003 Datasheet HTML 25Page - STMicroelectronics STV0680B-003 Datasheet HTML 26Page - STMicroelectronics STV0680B-003 Datasheet HTML 27Page - STMicroelectronics STV0680B-003 Datasheet HTML 28Page - STMicroelectronics STV0680B-003 Datasheet HTML 29Page - STMicroelectronics STV0680B-003 Datasheet HTML 30Page - STMicroelectronics STV0680B-003 Datasheet HTML 31Page - STMicroelectronics STV0680B-003 Datasheet HTML 32Page - STMicroelectronics STV0680B-003 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
Version 3.4
29/63
STV0680B + VV6444/6410/6500
Detailed chipset specifications
6.2
STV0680B companion processor
Note: 1 VDI = |(D+) - (D-)|
2VCM includes VDI range.
3TFRFM =(TFR / TFF).
Parameter
Min.
Typ.
Max.
Units
Supply voltage
3.0
3.3
3.6
V
Current consumption (normal operation)
20
-
mA
Stand-by current consumption
(untethered standby or tethered PC suspend mode)
--
5
µA
Operating temperature range
0
-
70
°C
Package
100QFP
Exposure control
1 000 000 : 1
Storage Temperature (Approximate)
50 to 150
oC
Table 10 : STV0680B specifications
Parameter
Description
Min.
Typ
Max
Units
Notes
VDD
Power Supply
3.0
3.3
3.6
V
VILU
USB differential pad D+/D- input low
0.8
V
VIHU
USB differential pad D+/D- input high (driven)
2.0
V
VIHUZ
USB differential pad D+/D- input high (floating)
2.7
3.6
V
VDI
USB differential pad D+/D- input sensitivity
0.2
V
1
VCM
USB differential pad D+/D- common mode voltage
0.8
2.5
V
2
VOLU
USB differential pad D+/D- output low voltage
0.0
0.3
V
VOHU
USB differential pad D+/D- output high voltage
2.8
3.6
V
VCRS
USB differential pad D+/D- output signal cross over
voltage
1.3
2.0
V
RPU
USB differential pad D+/D- pull up resistor
1.425
1.575
k
Ω
RPD
USB differential pad D+/D- pull-down resistor
14.25
15.75
k
Ω
TFR
Rise Time
4
20
ns
TFF
Fall Time
4
20
ns
TFRFM
Differential Rise Time and Fall Time Matching
90
111.11
%
3
ZDRV
Driver Output Resistance
28
44
Ohms
4
Table 11 : STV0680B USB specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com