Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2116A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV2116A
Description  BUS CONTROLLED PAL/NTSC TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2116A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV2116A Datasheet HTML 8Page - STMicroelectronics STV2116A Datasheet HTML 9Page - STMicroelectronics STV2116A Datasheet HTML 10Page - STMicroelectronics STV2116A Datasheet HTML 11Page - STMicroelectronics STV2116A Datasheet HTML 12Page - STMicroelectronics STV2116A Datasheet HTML 13Page - STMicroelectronics STV2116A Datasheet HTML 14Page - STMicroelectronics STV2116A Datasheet HTML 15Page - STMicroelectronics STV2116A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC, unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ACC CAPACITOR (Pin 5)
IC5
Charging Current
During burst gate window
250
µA
IL5
Leakage Current
0.2
1
µA
CHROMA PLL (Pins 2-3)
CR2-3
Catching Range
Q = 4.43MHz (Pin 3)
Q = 3.58MHz (Pin 2)
±600
±500
Hz
Hz
PLL LOOP FILTER (Pin 4)
IC4
Control Current
During burst gate window
400
µA
IL4
Leakage Current
5
µA
HUE CONTROL (in NTSC mode only)
CRHUE
HUE Control Range
±25
±45
±65
Deg
COLOR DIFFERENCE OUTPUT SIGNALS (Pins 40-41)
PAL /NTSC DEMODULATORS
VP40
R-Y Output signal Amplitude (Pin 40)
|RED-BLUE| axes = 90
o
100/75 colour bar, PAL mode
0.40
0.50
0.60
VPP
VP41
B-Y Output Signal Amplitude (Pin 41)
|RED-BLUE| axes = 90
o
100/75 colour bar, PAL mode
0.48
0.58
0.70
VPP
GPAL
Gain Ratio
of both Demodulators (B-Y)/(R-Y)
|RED-BLUE| axes = 90
o
100/75 colour bar, PAL mode
1.0
1.15
1.30
-
VN40
R-Y Output signal Amplitude (Pin 40)
|RED-BLUE| axes = 90
o
100/75 colour bar, NTSC mode
0.35
0.47
0.60
VPP
VN41
B-Y Output Signal Amplitude (Pin 41)
|RED-BLUE| axes = 90
o
100/75 colour bar, NTSC mode
0.48
0.58
0.70
VPP
GNTSC90
Gain Ratio
of both Demodulators (B-Y)/(R-Y)
|RED-BLUE| axes = 90
o
100/75 colour bar, NTSC mode
1.0
1.25
1.45
-
GNTSC104
Gain Ratio
of both Demodulators (B-Y)/(R-Y)
|RED-BLUE| axes = 104
o
100/75 colour bar, NTSC mode
1.0
1.15
1.30
-
VPNDC
Output Voltage when colour killed
5.2
5.4
5.6
V
PAL/NTSC (90
o) MATRIX
G/R
(G-Y)/(R-Y)
-0.6
-0.51
-0.4
-
G/B
(G-Y)/(B-Y)
-0.30
-0.19
-0.15
-
NTSC (104
o) MATRIX
NG/R
(G-Y)/(R-Y)
-0.29
-
NG/B
(G-Y)/(B-Y)
-0.22
-
AUTOMATIC FLESH CONTROL (see Figure 8)
FleshNom.
Nominal Flesh Tint Phase
118
Deg
FleshDv1
Phase Shift when Auto Flesh on
At FleshNom.
0Deg
FleshDev2A
Maximum Phase Correction
± 12
Deg
FleshMax.A
Chroma Input Phase at Max.
Correction
± 30
Deg
FleshRangeA
Auto Flesh Control Range
± 60
Deg
SATURATION CONTROL
SATMax.
Maximum Saturation Control (3F)
1VPP CVBS on Pin 20
5
+6.5
8
dB
SATNom.
Nominal Saturation Control (20)
1VPP CVBS on Pin 20
0
dB
SATMin.
Minimum Saturation Control(00)
1VPP CVBS on Pin 20
-44
dB
STV2116A
12/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com