Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2116A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV2116A
Description  BUS CONTROLLED PAL/NTSC TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2116A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV2116A Datasheet HTML 10Page - STMicroelectronics STV2116A Datasheet HTML 11Page - STMicroelectronics STV2116A Datasheet HTML 12Page - STMicroelectronics STV2116A Datasheet HTML 13Page - STMicroelectronics STV2116A Datasheet HTML 14Page - STMicroelectronics STV2116A Datasheet HTML 15Page - STMicroelectronics STV2116A Datasheet HTML 16Page - STMicroelectronics STV2116A Datasheet HTML 17Page - STMicroelectronics STV2116A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VERTICAL OUTPUT (Pin 35)
TW35
Output Pulse Width
10.5
Lines
VLow35
Low Level Output Voltage 4/3
Low Level Ouput Voltage 16/9
XXXX0XXX (bin) in Reg. 0Ehex
XXXX1XXX (bin) in Reg. 0Ehex
1.5
2
0.1
2.5
0.5
V
V
FR35
Locking Range
248
352
Lines
fFR-50
Free Frequency (no Video Signal)
50Hz or Auto Mode
314
Lines
fFR-60
Free Frequency (no Video Signal)
60Hz Mode
264
Lines
VHIGH35
High Level Range
(vertical position control)
XXXXX000(bin) in Reg. 0Dhex
XXXXX111(bin) in Reg. 0Dhex
3.5
5.7
3.8
6.3
4.2
7.0
V
V
Isink
Output Sinking Current
4/3
16/9
0.2
0.5
mA
mA
VERTICAL AMPLITUDE CONTROL (Pin 34)
V34R
Output Voltage Range
XX000000(bin) in Reg. 0Chex
XX111111(bin) in Reg. 0Chex
1.0
5.6
1.2
6.2
1.5
6.7
V
V
VOLUME CONTROL AND MUTE (Pin 10)
VR10
Output Voltage Range (volume control)
XX000000(bin) in Reg. 0Fhex
XX111111(bin) in Reg. 0Fhex
0.30
4.2
0.5
4.7
0.7
5.2
V
V
MUT
Output Voltage when MUTE
0.02
0.1
V
SWITCH SELECTION (Pin 11)
VTV/NEG
Output Voltage in TV Mode
VCC = 9V
0.1
0.7
V
VStart/Neg
Output Voltage in SCART Mode
(open collector mode)
VCC = 9V
7.88
9
V
RTV/Neg
Output Resistance in TV Mode
200
Ω
RScart/Neg
Output Resistance in Scart Mode
(pull-up resistor to VCC)
18
k
Ω
I
2C BUS INPUTS (Pins 6-7)
VTH6-7
Threshold Voltage
1.5
2.25
3
V
CL6-7
Capacitance of each Pin
5
10
pF
ILeak6-7
Leakage Current
Write Mode, 0 level on SDA or SCL
10
µA
USER CONTROLS
%
120
80
40
0
100
60
20
00
10
1F
C ode (HEX)
Figure 1 : Contrast Control Curve
%
25 0
00
20
3F
Co de (HEX)
10
30
0
20 0
15 0
10 0
50
Figure 2 : Saturation Control Curve
STV2116A
14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com