Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2116A Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV2116A
Description  BUS CONTROLLED PAL/NTSC TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2116A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV2116A Datasheet HTML 16Page - STMicroelectronics STV2116A Datasheet HTML 17Page - STMicroelectronics STV2116A Datasheet HTML 18Page - STMicroelectronics STV2116A Datasheet HTML 19Page - STMicroelectronics STV2116A Datasheet HTML 20Page - STMicroelectronics STV2116A Datasheet HTML 21Page - STMicroelectronics STV2116A Datasheet HTML 22Page - STMicroelectronics STV2116A Datasheet HTML 23Page - STMicroelectronics STV2116A Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
R30
470
Ω
C44
220nF
1
2
3
4
5
6
7
89
10
16
11
12
13
14
15
T5
BC547
Vertical
Yoke
D8
1N4148
C48
4.7nF
C51
33nF
R18
330
Ω
R17
330
Ω
SCL
SDA
VRE T
REG
V
CC
LPF
CVE RT
GND
SEN SM
SENSP
FROUT
EWOUT
EWIN
OBLK
HFLY
BREATH
S
T
V
2
1
4
5
C34
100pFF
V
CC
C20
47
µF
C56
220nF
R52
4.7k
Ω
+9V
R81
2.4k
Ω
+12V
SDA
VOUT
SCL
R57
22k
Ω
HFLY
R55
100k
Ω
C54
1nF
R54
680k
Ω
V
CC
R56
220k
Ω
R46
100k
Ω
BCL
R45
6.2k
Ω
V
CC
C37
1nF
C39
10nF
C36
10nF
R31
100
Ω
R28
100
Ω
R20
3.6
Ω
R19
1.2
Ω
R3
330
Ω
C5
2200
µF
R2
10
Ω
3W
+12V
R43
1k
Ω
T6
TIP122
C46
3.3nF
R47
39k
Ω
R41
3.3k
Ω
C68
4.7
µF
160V
E/W MODULATOR
OBLK
V
CC
R50
1.5k
Ω
To STV2116A
Pin15
C4
1000
µF
25V
From
STV2116A
Pin35
C10
220nF
R12
1.5
Ω
R36
3.3k
Ω
C31
1.5nF
D4
1N4148
D2
1N4148
1
2
3
4
5
6
7
IN-
OUT
FLYBACK
GND
V
CC
OUT V
CC
IN+
T
D
A
8
1
7
2
+24V
C9
1000
µF
35V
D1
1N4004
+24V
C23
100
µF
C43
22pF
R26
10k
Ω
+12V
110
o CRT APPLICATIONS : Vertical System with East-West
STV2116A
23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com