Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2118B Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV2118B
Description  BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2118B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV2118B Datasheet HTML 9Page - STMicroelectronics STV2118B Datasheet HTML 10Page - STMicroelectronics STV2118B Datasheet HTML 11Page - STMicroelectronics STV2118B Datasheet HTML 12Page - STMicroelectronics STV2118B Datasheet HTML 13Page - STMicroelectronics STV2118B Datasheet HTML 14Page - STMicroelectronics STV2118B Datasheet HTML 15Page - STMicroelectronics STV2118B Datasheet HTML 16Page - STMicroelectronics STV2118B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC, unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CHROMA PLL (Pins 2-3)
CR2-3
Catching Range
Q = 4.43MHz (Pin 3)
Q = 3.58MHz (Pin 2)
±600
±500
Hz
Hz
PLL LOOP FILTER (Pin 4)
IC4
Control Current
During burst gate window
400
µA
IL4
Leakage Current
5
µA
HUE CONTROL (in NTSC mode only)
CRHUE
HUE Control Range
±25
±45
Deg
COLOR DIFFERENCE OUTPUT SIGNALS (Pins 40-41)
PAL /NTSC DEMODULATORS
VP40
R-Y Output signal Amplitude (Pin 40)
|RED-BLUE| axes = 90
o
100/75 colour bar
0.40
0.52
0.60
VPP
VP41
B-Y Output Signal Amplitude (Pin 41)
|RED-BLUE| axes = 90
o
100/75 colour bar
0.50
0.66
0.80
VPP
GPAL
Gain Ratio of both Demodulators (B-Y)/(R-Y) |RED-BLUE| axes = 90
o
100/75 colour bar
1.15
1.27
1.45
-
GNTSC
Gain Ratio of both Demodulators (B-Y)/(R-Y) |RED-BLUE| axes = 104
o
100/75 colour bar
1.0
1.23
1.45
-
VPNDC
Output Voltage when colour killed
5.6
5.8
6.0
V
SECAM DEMODULATORS
VS40
R-Y Output Signal Amplitude (Pin 40)
100/75 Colour Bar
0.8
1.05
1.20
VPP
VS41
B-Y Output Signal Amplitude (Pin 41)
100/75 Colour Bar
1.00
1.33
1.40
VPP
GSECAM
Gain Ratio of both Demodulators (B-Y)/(R-Y)
1.00
1.27
1.35
-
VSDC
Output Voltage when colour killed
5.4
5.6
5.8
V
PAL /SECAM /NTSC (90
o) MATRIX
G/R
(G-Y)/(R-Y)
-0.6
-0.51
-0.4
-
G/B
(G-Y)/(B-Y)
-0.28
-0.19
-0.15
-
NTSC (104
o) MATRIX
NG/R
(G-Y)/(R-Y)
-0.29
-
NG/B
(G-Y)/(B-Y)
-0.22
-
SATURATION CONTROL
SATMax.
Maximum Saturation Control (3F)
1VPP CVBS on Pin 20
5
+6.5
8
dB
SATNom.
Nominal Saturation Control (20)
1VPP CVBS on Pin 20
0
dB
SATMin.
Minimum Saturation Control(00)
1VPP CVBS on Pin 20
-44
dB
COLOUR DIFFERENCE INPUT SIGNALS (Pins 38-39)
DCRYI
DC Voltage Pin 39
No colour
2.6
2.8
3.0
V
DCBYI
DC Voltage Pin 38
No colour
2.6
2.8
3.0
V
VRYI
Input Signal Amplitude Pin 39
100/75 color bar
1.05
VPP
VBYI
Input Signal Amplitude Pin 38
100/75 color bar
1.33
VPP
ICL38-39
Clamping Current
During burst key
150
µA
SYNC. SEPARATOR
VSync
Sync. Pulse Amplitude
On Pin 20
50
300
mV
HORIZONTAL OSCILLATOR
fH50
Frequency after Divider
50Hz input signal
15625
Hz
fH60
Frequency after Divider
60Hz input signal
15750
Hz
fRang
Frequency Control Range
Low Frequency
High Frequency
14500
16100
14850
16300
15200
16500
Hz
Hz
ffree
Free Running Frequency when PLL1 open
Value 03hex
in register 0Ehex
15000
15800
Hz
STV2118B
13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com