Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2118B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV2118B
Description  BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2118B Datasheet(HTML) 4 Page - STMicroelectronics

  STV2118B Datasheet HTML 1Page - STMicroelectronics STV2118B Datasheet HTML 2Page - STMicroelectronics STV2118B Datasheet HTML 3Page - STMicroelectronics STV2118B Datasheet HTML 4Page - STMicroelectronics STV2118B Datasheet HTML 5Page - STMicroelectronics STV2118B Datasheet HTML 6Page - STMicroelectronics STV2118B Datasheet HTML 7Page - STMicroelectronics STV2118B Datasheet HTML 8Page - STMicroelectronics STV2118B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
FUNCTIONAL DESCRIPTION (continued)
2 - FILTERS
- Integrated trap filter :
Q
=
1
fo
f−3dB
f−3dB
fo
Q = 1.7 at sharp. min
Q = 3.0 at sharp. max
Center frequency : - 4.43MHz,
3.58MHz for PAL, NTSC
- 4.25MHz, for SECAM
(f-3dB = 3 MHz ; -20dB
rejection between 4.1MHz
and 4.4MHz)
- Integrated chroma bandpass :
Q = 3.5
Center frequency : 4.43MHz, 3.58MHz
- Integrated cloche filter for SECAM :
Q= 16
Center frequency : 4.286MHz
- Integrated delay line :
Bandwidth = 8MHz
- Integrated low pass filter for deflection part.
- All filters are tuned with a reference phase locked
loop.
The PLL consists of a lowpass filter, a phase
comparator, a loop filter (an external capacitor).
The reference signal is the continuous carrier
wave from the VCO (4.43MHz or 3.58MHz). The
PLL adjusts the center frequency of the lowpass
so that it is equal to the reference signal. The
tuning voltage of the PLL is used to adjust all other
filters. The cloche filter is fine tuned with a second
PLL operating during frame retrace.
3 - VIDEO CIRCUIT
- 2 RGB inputs : RGB (OSD) input has priority
against the RGBext. Maximum contrast on RGB
(OSD). -12dB range contrast control on RGBext.
Possibility to disable the RGBext insertion
through the bus.
- Oversize blanking capability on FB(OSD)(Pin15)
input. The RGB ouputs will be blanked when the
voltage on Pin 15 will exceed the second thresh-
old at 1.9V (blanking threshold) : the whole field
is blanked but not the inserted cut-off pulses. The
OSD insertion threshold is 0.7V.
- Automatic cut-off current loop : 2V cut-off range.
Sequential cut-off current measurement during
the three lines after the frame blanking signal.
Leakage current measurement during the frame
blanking, memorization on an internal capacitor.
- Possibility to force through the bus the inserted
cut-off pulses on lines 23/24/25(CCIR) in 50Hz
and 60Hz mode.
- Warm up detector.
- Beam current limiter DC voltage input.
The beam current limiter control voltage will act
on contrast first, then the brightness will be de-
creased when contrast attenuationreaches -5dB.
- Bus control of the red, green and blue channel
gain (White point adjustment)
- Bus control of the red and green DC levels (black
point adjustment)
- PAL and SECAM matrix, specific NTSC matrix
when demodulation angles are (0
o,104o).
- Switch-off of the trap filter in SVHS mode.
- Bus controlled contrast on luminance
(20dB range)
- Bus controlled saturation (50dB range)
- Bus controlled brightness : 40% range at maxi-
mum contrast.
- Bus controlled sharpness (peaking) ; sharpness
active in PAL/NTSC standard only.
- Noise coring function on sharpness.
STV2118B
4/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com