Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2118B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV2118B
Description  BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2118B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV2118B Datasheet HTML 2Page - STMicroelectronics STV2118B Datasheet HTML 3Page - STMicroelectronics STV2118B Datasheet HTML 4Page - STMicroelectronics STV2118B Datasheet HTML 5Page - STMicroelectronics STV2118B Datasheet HTML 6Page - STMicroelectronics STV2118B Datasheet HTML 7Page - STMicroelectronics STV2118B Datasheet HTML 8Page - STMicroelectronics STV2118B Datasheet HTML 9Page - STMicroelectronics STV2118B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
I
2C BUS SPECIFICATION
General Comments
Slave Address : 8A (HEX) (1000101X)
WRITE MODE DATA FORMAT
Slave Address
Register Address
Data
1000 1010
(8A)
XXS SSSS
(from 00 to 11HEX)
XXSS SSSS
(6 significant bits Max.)
The not used bits in data byte must be put to ”0”.
READ MODE DATA FORMAT
Slave Address
Data
1000 1011
(8B)
SSSS SSSS
(8 significant bits)
MSB on the left, LSB on the Right.
MSB
LSB
X
XXX
XX
XX
X : not significant bit - S : significant bit
Input Signals (Write Mode)
VIDEO
Address
Dec (HEX)
Description
Data
(Bits)
Comments
0 (00)
Contrast
5
XXX0 0000 = -20dB
XXX1 1111 = 0dB
0 (00)
External Fast Blanking Enable
1
XXSX XXXX
0 = RGBext insertion enable
1 = RGBext insertion disable
1 (01)
Saturation
6
XX00 0000 = -44dB
XX11 1111 = +6dB
2 (02)
Brightness
5
XXX0 0000 = -20%
XXX1 1111 = +20%
2 (02)
RGB Outputs Blanking
1
XXSX XXXX
0 = Normal mode
1 = Blanking active
3 (03)
Red Drive Adjust (white point red adjust)
6
XX00 0000 = -6dB
XX11 1111 = 0dB
4 (04)
Red Cut-off Adjust
6
XX00 0000 = +150mV
XX11 1111 = -150mV
5 (05)
Green Drive Adjust (white point green adjust)
6
XX00 0000 = -6dB
XX11 1111 = 0dB
6 (06)
Green Cut-off Adjust
6
XX00 0000 = +150mV
XX11 1111 = -150mV
7 (07)
Blue Drive Adjust (white point blue adjust)
6
XX00 0000 = -6dB
XX11 1111 = 0dB
8 (08)
Sharpness
3
XXXX X000 = Peaking Min.
XXXX X111 = Peaking Max.
STV2118B
6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com