Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2180A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV2180A
Description  BASE BAND CHROMA DELAY LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2180A Datasheet(HTML) 1 Page - STMicroelectronics

  STV2180A Datasheet HTML 1Page - STMicroelectronics STV2180A Datasheet HTML 2Page - STMicroelectronics STV2180A Datasheet HTML 3Page - STMicroelectronics STV2180A Datasheet HTML 4Page - STMicroelectronics STV2180A Datasheet HTML 5Page - STMicroelectronics STV2180A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STV2180A
BASE BAND CHROMA DELAY LINE
February 1997
PRELIMINARY DATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIGITAL GROUND
SUPER SAND CASTLE
PLL LOOP FILTER
B-Y OUTPUT
R-Y OUTPUT
R-Y INPUT
Not to Be Connected
Not to Be Connected
REF. CURRENT
INTERNAL SUPPLY
SUPPLY VOLTAGE
ANALOG GROUND
Not to Be Connected
B-Y INPUT
DGND
SSC
FPLL
B-YO
R-YO
R-YI
I
REF
V
INT
V
CC
AGND
B-YI
NC
NC
NC
PIN CONNECTIONS
DIP14
(Plastic Package)
ORDER CODE : STV2180A
.
DUAL SWITCHED CAPACITOR DELAY LINE
.
3MHz CLOCK DERIVED FROM 6MHz VCO
LOCKED BY THE BURST GATE PULSE
.
SAMPLE AND HOLD CIRCUITS AND LOW-
PASS FILTERS TO SUPPRESS THE 3MHz
CLOCK RESIDUAL
.
CLAMPED B-Y AND R-Y INPUTS
.
OUTPUT BUFFERS
.
ADJUSTMENT-FREE APPLICATION
.
DIP14 PACKAGE
DESCRIPTION
The STV2180Ais an integrated base band chroma
delay line with one line delay, which has been
designed to match chroma decoders with colour
difference signal outputs (R-Y) and (B-Y).
This is advance information on a new product now in development or undergoing evaluatio n. Details are subject to change without notice.
1/6


Similar Part No. - STV2180A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-1992
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
Sep-1993
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
Apr-1996
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
BUS-CONTROLLED PAL/SECAM TV PROCESSOR
Aug-1998
STV2116A STMICROELECTRONICS-STV2116A Datasheet
235Kb / 24P
BUS CONTROLLED PAL/NTSC TV PROCESSOR
Jun-1997
More results

Similar Description - STV2180A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2151 STMICROELECTRONICS-STV2151 Datasheet
611Kb / 11P
FULL AUTOMATIC MULTISTANDARD CHROMA DECODER WITH EMBEDDED CHROMA DELAY LINE
logo
Motorola, Inc
MC44140 MOTOROLA-MC44140 Datasheet
89Kb / 14P
Chroma Delay Line HCMOS Technology
logo
Merrimac Industries, In...
DLL-048R-2.14G MERRIMAC-DLL-048R-2.14G Datasheet
107Kb / 2P
DELAY LINE
DLL-057R-0.94G MERRIMAC-DLL-057R-0.94G Datasheet
124Kb / 2P
DELAY LINE
DLL-095R-2.14G MERRIMAC-DLL-095R-2.14G Datasheet
102Kb / 1P
DELAY LINE
DLL-100R-2.14G MERRIMAC-DLL-100R-2.14G Datasheet
136Kb / 2P
DELAY LINE
DLL-113R-0.88G MERRIMAC-DLL-113R-0.88G Datasheet
115Kb / 1P
DELAY LINE
DLL-115R-1.96G MERRIMAC-DLL-115R-1.96G Datasheet
108Kb / 1P
DELAY LINE
logo
Anaren Microwave
XDL15-2-020S ANAREN-XDL15-2-020S Datasheet
166Kb / 5P
Delay Line
logo
Motorola, Inc
MC44030 MOTOROLA-MC44030 Datasheet
152Kb / 4P
MULTISTANDARD VIDEO SIGNAL PROCESSOR WITH INTEGRATED CHROMA DELAY LINE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com