Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2180A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV2180A
Description  BASE BAND CHROMA DELAY LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2180A Datasheet(HTML) 4 Page - STMicroelectronics

  STV2180A Datasheet HTML 1Page - STMicroelectronics STV2180A Datasheet HTML 2Page - STMicroelectronics STV2180A Datasheet HTML 3Page - STMicroelectronics STV2180A Datasheet HTML 4Page - STMicroelectronics STV2180A Datasheet HTML 5Page - STMicroelectronics STV2180A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INPUT/OUTPUT PIN CONFIGURATION
11
10
BANDGAP
SUPPLY
VOLTAGE
V
CC
INTERNAL
SUPPLY
V
INT
Pins 10, 11 : VINT and VCC
7
12
ESD
PROT
SUPPLY
VOLTAGE
V
CC
ESD
PROT
11
DIGITAL
GROUND
DGND
ANALOG
GROUND
AGND
Pins 7, 11, 12 : DGND, VCC, AGND
V
CC
AGND
2.5V
BG
R-Y AND B-Y
INPUTS
Pins 2 and 14
Pins 2, 14 : R-YI, B-YI
V
CC
DGND
SUPER SAND
CASTLE INPUT
SSC
6
V
INT
DGND
V
INT
Pin 6 : SSC
V
CC
PLL LOOP
FILTER
V
INT
DGND
BG
5
Pin 5 : FPLL
V
INT
V
CC
R-Y AND B-Y
OUTPUTS
Pins 3 and 4
AGND
Pins 3, 4 : R-YO, B-YO
V
CC
9
I
REF
2.5V
AGND
Pin 9 : IREF
STV2180A
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com