Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2180A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV2180A
Description  BASE BAND CHROMA DELAY LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2180A Datasheet(HTML) 2 Page - STMicroelectronics

  STV2180A Datasheet HTML 1Page - STMicroelectronics STV2180A Datasheet HTML 2Page - STMicroelectronics STV2180A Datasheet HTML 3Page - STMicroelectronics STV2180A Datasheet HTML 4Page - STMicroelectronics STV2180A Datasheet HTML 5Page - STMicroelectronics STV2180A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
3
5
6
7
9
10
11
12
STV2180A
LPF
SAMPLE
AND
HOLD
DELAY
LINE
INPUT
CLAMP
R-YO
R-YI
4
LPF
SAMPLE
AND
HOLD
DELAY
LINE
INPUT
CLAMP
B-YO
B-YI
14
SSC
Not to be
connected
SSC
SELECT
6MHz PLL AND
CLOCK GENERATOR
CURRENT
REF
TEST
BANDGAP
V
INT
V
CC
DGND
AGND
I
REF
FPLL
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Pin 11)
11
V
TA
Operating Ambiant Temperature
0 to 70
°C
Tstg
Storage Temperature
-25 to +150
°C
Rth(j-a)
Junction-Ambiant Thermal Resistance Pd =1W
90
°C/W
STV2180A
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com