Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2216 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 1 Page - STMicroelectronics

  STV2216 Datasheet HTML 1Page - STMicroelectronics STV2216 Datasheet HTML 2Page - STMicroelectronics STV2216 Datasheet HTML 3Page - STMicroelectronics STV2216 Datasheet HTML 4Page - STMicroelectronics STV2216 Datasheet HTML 5Page - STMicroelectronics STV2216 Datasheet HTML 6Page - STMicroelectronics STV2216 Datasheet HTML 7Page - STMicroelectronics STV2216 Datasheet HTML 8Page - STMicroelectronics STV2216 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
STV2216
BUS CONTROLLED NTSC/PAL TV PROCESSOR
May 1997
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
GND1
Y/CVBS
NC
FBOSD
ROSD
GOSD
BOSD
SWI
VOL
ECS
FTUN1
SCL
SDA
ACC
CLPF
CXTL1
CXTL2
GND2
V
CC2
BYO
RYO
LFB/SC
HOUT
VOUT
VAMP
SLPF
SXTL
BCL
ICAT
RO
GO
BO
CR
CB
CG
CHR/SVHS
V
CC1
CHROMA/SCANNING/BUS SUPPLY
BYI
RYI
B-Y OUTPUT
R-Y OUTPUT
R-Y INPUT
B-Y INPUT
LINE FLYBACK INPUT/SANDCASTLE OUTPUT
HORIZONTAL OUTPUT
VERTICAL OUTPUT
AMPLITUDE CONTROL VOLTAGE
SCANNING LOOP FILTER
503kHz CERAMIC
BEAM CURRENT LIMITER
CATHODE CURRENT MEASUREMENT
RED OUTPUT
GREEN OUTPUT
BLUE OUTPUT
RED CUT-OFF CAPACITOR
BLUE CUT-OFF CAPACITOR
GREEN CUT-OFF CAPACITOR
CHROMINANCE INPUT/SVHS SELECTION
VIDEO SUPPLY
BUS/VIDEO GROUND
CVBS OR LUMINANCE INPUT
NOT TO BE CONNECTED
RGB INSERTION
OSD BLUE INPUT
IF STANDARD AND SWITCH SELECTION
VOLUME AND MUTE CONTROL VOLTAGE
FILTER TUNING
DATA WIRE I2C BUS
ACC CONTROL CAPACITOR
CHROMA LOOP FILTER
3.58MHz XTAL
CHROMA/SCANNING GROUND
4.43MHz XTAL
CLOCK WIRE I2C BUS
EXTERNAL CRYSTAL SELECTION
OSD GREEN INPUT
OSD RED INPUT
ACCO
BSC
XRAY
ACC OVERLOAD
BLACK STRETCH FILTER
XRAY INPUT
PIN CONNECTIONS
SHRINK42
(Plastic Package)
ORDER CODE : STV2216
.
I
2C BUS CONTROL OF ALL FUNCTIONS
.
INTEGRATED FILTERS (TRAP, BANDPASS)
.
INTEGRATED LUMINANCE DELAY LINE
.
NTSC
CHROMA
DEMODULATOR
WITH
AUTOMATIC FLESH TONE
.
PAL DEMODULATOR
.
AUTOMATIC CUT-OFF CURRENT LOOP
.
ONE RGB INPUT
.
SVHS SWITCH
.
TWO PLLs HORIZONTAL DEFLECTION
.
VERTICAL COUNT DOWN
.
XRAY PROTECTION
.
BLACK STRETCH
.
BLUE SCREEN
.
VERY FEW EXTERNAL COMPONENTS
DESCRIPTION
The STV2216 is a fully bus controlled IC for TV
luma, chroma and deflection processing.
Used with STV8223 (PIF/SIF/switches), TDA1771
or TDA8174(frame booster),STV2180(delay line),
it allows to design a PAL/NTSC (BGDKIMN) set
with very few external components and no adjust-
ment.
1/26


Similar Part No. - STV2216

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2236 STMICROELECTRONICS-STV2236 Datasheet
2Mb / 86P
I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
Apr-2004
STV2236 STMICROELECTRONICS-STV2236 Datasheet
3Mb / 86P
I²C bus-controlled multistandard single chip TV processor
08-Sep-2009
STV2236D STMICROELECTRONICS-STV2236D Datasheet
1Mb / 76P
I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
Sep-2003
STV2236H STMICROELECTRONICS-STV2236H Datasheet
2Mb / 86P
I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
Apr-2004
STV2237 STMICROELECTRONICS-STV2237 Datasheet
3Mb / 86P
I²C bus-controlled multistandard single chip TV processor
08-Sep-2009
More results

Similar Description - STV2216

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52770ASP MITSUBISHI-M52770ASP Datasheet
178Kb / 4P
NTSC/PAL TV SIGNAL PROCESSOR
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
NTSC/PAL TV SIGNAL PROCESSOR
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
I2C-bus controlled PAL/NTSC TV processor
January 1995
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
BUS-CONTROLLED PAL/SECAM TV PROCESSOR
Aug-1998
STV2116A STMICROELECTRONICS-STV2116A Datasheet
235Kb / 24P
BUS CONTROLLED PAL/NTSC TV PROCESSOR
Jun-1997
STV2118B STMICROELECTRONICS-STV2118B Datasheet
233Kb / 25P
BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
Jun-1996
logo
Mitsubishi Electric Sem...
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
NTSC / PAL TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
NTSC/PAL TV Signal Processor
Mar 31, 2008
logo
NXP Semiconductors
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com