Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2216 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 3 Page - STMicroelectronics

  STV2216 Datasheet HTML 1Page - STMicroelectronics STV2216 Datasheet HTML 2Page - STMicroelectronics STV2216 Datasheet HTML 3Page - STMicroelectronics STV2216 Datasheet HTML 4Page - STMicroelectronics STV2216 Datasheet HTML 5Page - STMicroelectronics STV2216 Datasheet HTML 6Page - STMicroelectronics STV2216 Datasheet HTML 7Page - STMicroelectronics STV2216 Datasheet HTML 8Page - STMicroelectronics STV2216 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
FUNCTIONAL DESCRIPTION
1 - DEFLECTION CIRCUIT (Note : [X,Y] : line number referred to the internal line counter numbering)
- Fully integrated synch. separator, with a low pass
filter, a black level alignment of the Y/CVBS input, a
slicing level at 2/3,1/3of the sync. pulse amplitude.
- Frame sync. pulse locked on 2 fH frequency to
perfect interlace.
- 500kHz VCO with an external ceramic resonator.
- Two phase locked loops
• the first PLL locks the VCO on the video signal
frequency,
• the secondPLLcompensatesthe line transistor
storage time.
- Three time constants for the first PLL.
• thelong timeconstantis usedfornormaloperation
• the short time constant is automatically used
during the frame retrace and in search mode of
VCR when the frame pulse is outside [258,264]
and [309,314].
• verylong time constantwhenno video recognition
Time constants in normal operation
(automatic selection of time constants) :
50Hz input signal :
- short time constant : [306, 21]
- long time constant : the rest of the field
60Hz input signal :
- short time constant : [0, 16]
- long time constant : the rest of the field
• inhibition of the first PLL :
the first locked loop is opened from line 309 to
line 4.5 (or 314) in 50Hz mode. It is opened from
line 258 to line 5.5 (or 264) in 60Hz mode.
• the time constantsvalues are chosenby means
of external components.
• possibility to force the short time constant
through the bus.
• possibility to force the very long time constant
through the bus.
- Video identification : coincidence detector be-
tween the line synchro top and a line frequency
window from the first PLL. The video identification
status is available in the output register of the I
2C
bus decoder.
- Generation of burst gate pulses and line fre-
quency signals from the first PLL to drive the
chroma and video circuits. The burst gate pulse
is also sent to the sandcastle generator.
- Frame synchro window : [248, 352]
catching
- Field frequency selection windows :
[248, 288] 6 0H z m o de s el e c ti o n if t wo
consecutive frame pulses occur
inside this window,otherwise 50Hz
mode selection.
[288, 352] 50Hz mode selection window
- frame blanking pulse :
from line 0 to 21 in 50Hz mode
from line 0 to 16 in 60Hz mode
- Vertical output pulse is 10.5 lines long.
- Horizontal output pulse : 28
µs line pulse on an
open collector output;
- Start up circuit : the horizontal output is at a high
level when VCC increases from 0 to 6.8V. On
shutting down, horizontal pulses are disabled
when VCC is below 6.2V.
- Soft-start circuit : the duty cycle of the horizontal
output is 78 % (Thigh/(Thigh + TLow)) when VCC1
is lower than (0.75 x VCC2), during the rising time.
During the falling time, a 78% duty cycle HOUT
pulse is provided when VCC1 is lower than
(0.60 x VCC2).
- Possibility to disable the horizontal output pulse
through the bus (force a high level on HOUT).
- XRAY protection.
- Horizontal position adjustment controlled by bus.
- Bus controlledoutput voltage to adjustthe vertical
amplitude; this voltage permits to adjust the slope
of the vertical sawtooth generated by the external
frame booster.
- Bus controlled vertical position ; the high level of
the vertical pulse permits to adjust the vertical
position.
- Bus controlled 4/3-16/9 selection : the low level
of the vertical pulse is 0.1V when 16/9 is selected,
2V when 4/3 is selected.
- Combined flyback input and sandcastle output
(Pin 37). Two thresholds on LFB/SCO Pin : The
lowest threshold (0.7V) permits to extract the line
blankingpulse; the highestthreshold (2V) permits
to extract the line pulse for PLL2. The sandcastle
signal at Pin 37 is used to control the external
baseband chroma delay line.
STV2216
3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com