Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2216 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV2216 Datasheet HTML 18Page - STMicroelectronics STV2216 Datasheet HTML 19Page - STMicroelectronics STV2216 Datasheet HTML 20Page - STMicroelectronics STV2216 Datasheet HTML 21Page - STMicroelectronics STV2216 Datasheet HTML 22Page - STMicroelectronics STV2216 Datasheet HTML 23Page - STMicroelectronics STV2216 Datasheet HTML 24Page - STMicroelectronics STV2216 Datasheet HTML 25Page - STMicroelectronics STV2216 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
1
2
3
4
5
6
7
8
9
10
10k
Ω
47nF
220nF
2.2
Ω
100
µF
35V
1N4004
+24V
1000
µF
25V
4.7k
Ω
1000
µF
25V
10 00
µF
25 V
270
Ω
1.8k
Ω
47
µF
25V
3.9k
Ω
22
Ω
2W
470
Ω
Vertical Yoke
+12V
1.2
Ω
1.3k
Ω
160k
Ω
330k
Ω
620k
Ω
15k
Ω
15k
Ω
+9V
100nF
47nF
1N4148
100k
Ω
1k
Ω
15k
Ω
620k
Ω
BC547
4.7
µF
47 0k
Ω
+9V
100k
Ω
100k
Ω
56 0k
Ω
BC557
BC547
56k
Ω
OPTIONAL 4/3 - 16/9 SWITCHING
27k
Ω
VOUT
(From STV2216
Pin 35)
VAMP
(From STV2216
Pin 34)
OUT
V+
V.SYNC
V.SIZE
GND
SAW
BUFF
FEEDB
V
CC
FLYB
T
D
A
1
7
7
1
90
o CRT APPLICATIONS VERTICAL STAGE
STV2216
24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com