Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC620P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC620P
Description  Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC620P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC620P Datasheet HTML 1Page - Renesas Technology Corp HD74HC620P Datasheet HTML 2Page - Renesas Technology Corp HD74HC620P Datasheet HTML 3Page - Renesas Technology Corp HD74HC620P Datasheet HTML 4Page - Renesas Technology Corp HD74HC620P Datasheet HTML 5Page - Renesas Technology Corp HD74HC620P Datasheet HTML 6Page - Renesas Technology Corp HD74HC620P Datasheet HTML 7Page - Renesas Technology Corp HD74HC620P Datasheet HTML 8Page - Renesas Technology Corp HD74HC620P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HD74HC620, HD74HC623
Rev.2.00 Mar 30, 2006 page 4 of 11
HD74HC623
VCC
VCC
B1
B2
B3
B4
B5
B6
B7
B8
A8
A7
A6
A5
A4
A3
A2
A1
GAB
GBA
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage range
VCC
–0.5 to 7.0
V
Input / Output voltage
VIN, VOUT
–0.5 to VCC +0.5
V
Input / Output diode current
IIK, IOK
±20
mA
Output current
IOUT
±35
mA
VCC, GND current
ICC or IGND
±75
mA
Power dissipation
PT
500
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com