Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC620P Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD74HC620P
Description  Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC620P Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD74HC620P Datasheet HTML 4Page - Renesas Technology Corp HD74HC620P Datasheet HTML 5Page - Renesas Technology Corp HD74HC620P Datasheet HTML 6Page - Renesas Technology Corp HD74HC620P Datasheet HTML 7Page - Renesas Technology Corp HD74HC620P Datasheet HTML 8Page - Renesas Technology Corp HD74HC620P Datasheet HTML 9Page - Renesas Technology Corp HD74HC620P Datasheet HTML 10Page - Renesas Technology Corp HD74HC620P Datasheet HTML 11Page - Renesas Technology Corp HD74HC620P Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HD74HC620, HD74HC623
Rev.2.00 Mar 30, 2006 page 11 of 11
0.935
0.15
1.27
10.00
10.65
0.40
0.34
A1
13.2
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.65
1.27
0.70
0.40
7.50
0.30
0.20
0.10
0.46
0.30
0.25
0.20
10.40
8°
0°
0.12
1.45
12.80
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
11
20
10
F
*1
*3
p
M
x
y
1
Index mark
D
Z
b
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
@ DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
@ INCLUDE TRIM OFFSET.
P-SOP20-7.5x12.8-1.27
0.52g
MASS[Typ.]
FP-20DBV
PRSP0020DC-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com