Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC620P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC620P
Description  Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC620P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC620P Datasheet HTML 1Page - Renesas Technology Corp HD74HC620P Datasheet HTML 2Page - Renesas Technology Corp HD74HC620P Datasheet HTML 3Page - Renesas Technology Corp HD74HC620P Datasheet HTML 4Page - Renesas Technology Corp HD74HC620P Datasheet HTML 5Page - Renesas Technology Corp HD74HC620P Datasheet HTML 6Page - Renesas Technology Corp HD74HC620P Datasheet HTML 7Page - Renesas Technology Corp HD74HC620P Datasheet HTML 8Page - Renesas Technology Corp HD74HC620P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 11
HD74HC620, HD74HC623
Octal Bus Transceivers (with inverted 3-state outputs)
Octal Bus Transceivers (with 3-state outputs)
REJ03D0636-0200
(Previous ADE-205-516)
Rev.2.00
Mar 30, 2006
Description
This octal bus transceiver is designed for asynchronous two-way communication between data buses. The control
function implementation allows for maximum flexibility in timing.
This device allows data transmission from the A bus to the B bus or from the B bus to the A bus depending upon the
logic levels at the enable inputs (
GBA and GAB).
The enable inputs can be used to disable the device so that the buses are effectively isolated.
The dual-enable configuration gives these devices the capability to store data by simultaneous enabling of
GBA and
GAB. Each output reinforces its input in this transceiver configuration. Thus, when both control inputs are enabled and
all other data sources to the two sets of bus lines are at high impedance, both sets of bus lines (16 in all) will remain at
their last states. The 8-bit codes appearing on the two sets of buses will be identical for the HD74HC623 or
complementary for the HD74HC620.
Features
• High Speed Operation: t
pd (Bus to Bus) = 12 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads (Q
A to QH outputs)
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC620P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74HC620FPEL
HD74HC623FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HC620RPEL
HD74HC623RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Enable Inputs
Operation
GBA
GAB
HD74HC620
HD74HC623
L
L
B data to A bus
B data to A bus
H
H
A data to B bus
A data to B bus
H
L
Isolation
Isolation
L
H
B data to A bus, A data to B bus
B data to A bus, A data to B bus


Similar Part No. - HD74HC620P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620P RENESAS-HD74HC620P Datasheet
149Kb / 14P
Octal Bus Transceivers (with inverted 3-state outputs)
More results

Similar Description - HD74HC620P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC620 HITACHI-HD74HC620 Datasheet
60Kb / 10P
Octal Bus Transceivers(with inverted 3-state outputs)
HD74HC651 HITACHI-HD74HC651 Datasheet
55Kb / 9P
Octal Bus Transceivers/Registers(with inverted 3-state outputs)
HD74HCT620 HITACHI-HD74HCT620 Datasheet
58Kb / 9P
Octal Bus Transceivers (with inverted 3-state outputs)/
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
59Kb / 5P
Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640 HITACHI-HD74LS640 Datasheet
71Kb / 7P
Octal Bus Transceivers(inverted 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS640 RENESAS-HD74LS640 Datasheet
80Kb / 7P
Octal Bus Transceivers (inverted 3-state outputs)
HD74HCT620 RENESAS-HD74HCT620 Datasheet
206Kb / 9P
Octal Bus Transceivers (with inverted 3-state outputs)
HD74HC620 RENESAS-HD74HC620_15 Datasheet
149Kb / 14P
Octal Bus Transceivers (with inverted 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com