Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5347 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5347
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5347 Datasheet(HTML) 4 Page - STMicroelectronics

  STV5347 Datasheet HTML 1Page - STMicroelectronics STV5347 Datasheet HTML 2Page - STMicroelectronics STV5347 Datasheet HTML 3Page - STMicroelectronics STV5347 Datasheet HTML 4Page - STMicroelectronics STV5347 Datasheet HTML 5Page - STMicroelectronics STV5347 Datasheet HTML 6Page - STMicroelectronics STV5347 Datasheet HTML 7Page - STMicroelectronics STV5347 Datasheet HTML 8Page - STMicroelectronics STV5347 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ELECTRICAL CHARACTERISTICS - VDD = 5V, VSS = 0V, TA =25
oC (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
OUTPUTS
RGB
VOL
Output Low Voltage (IOL = 2mA)
0.4
V
VOH
Output High Voltage (IOH = -2mA, RGB REF = VDD/2)
RGB REF - 0.5
RGB REF
V
CL
Load Capacitance
50
pF
tR,tF
Rise and Fall Time (10 to 90%)
20
ns
BLAN
VOL
Output Low Voltage (IOL = 2mA)
0
0.4
V
VOH
Output High Voltage (IOH = -0.2mA)
VDD - 0.5
V
CL
Load Capacitance
50
pF
tR,tF
Rise and Fall Time (10 to 90%)
20
ns
ODD/EVEN, STTV, L23, DV
VOL
Output Low Voltage(IOL = 2mA)
0
0.5
V
VOH
Output High Voltage (IOH = -0.2mA)
VDD - 0.8
VDD
V
CL
Load Capacitance
50
pF
tR,tF
Rise and Fall Time (10 to 90%)
20
ns
COR AND Y (with Pull up to VDDD)
VOL
Output Low Voltage (IOL = 2mA)
0
0.5
V
CL
Load Capacitance
25
pF
tF
Fall Time (RL = 1.2k
Ω,VDDD - 0.5V to 1.5V)
50
ns
IOLL
Output Leakage Current
-10
+10
µA
SDA
VOL
Output Low Voltage (IOL = 3mA)
0
0.5
V
tF
Fall Time (3.0 to 1.0V)
200
ns
CL
Load Capacitance
400
pF
CRYSTAL OSCILLATOR
XTI, XTO
fXTAL
Crystal Frequency
13.875
MHz
RBIAS
Internal Bias Resistance
0.4
1
3
M
Ω
CI
Input Capacitance
7pF
TIMING
SERIAL BUS (referred to VIH =3V, VIL = 1.5V)
tLOW
tHIGH
Clock :
q
Low Period
q
High Period
4
4
µs
tSU, DAT
Data Set-up Time
250
ns
tHD, DAT
Data Hold Time
170
ns
tSU, STO
Stop Set-up Time from Clock High
4
µs
tBUF
Start Set-up Time following a Stop
4
µs
tHD, STA
Start Hold Time
4
µs
tSU, STA
Start Set-up Time following Clock Low to High Transition
4
µs
STV5347 - STV5347/H - STV5347/T
4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com