Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5347 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV5347
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5347 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV5347 Datasheet HTML 2Page - STMicroelectronics STV5347 Datasheet HTML 3Page - STMicroelectronics STV5347 Datasheet HTML 4Page - STMicroelectronics STV5347 Datasheet HTML 5Page - STMicroelectronics STV5347 Datasheet HTML 6Page - STMicroelectronics STV5347 Datasheet HTML 7Page - STMicroelectronics STV5347 Datasheet HTML 8Page - STMicroelectronics STV5347 Datasheet HTML 9Page - STMicroelectronics STV5347 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
POL grounded, Inputs Signals :
LFB line flyback synchro on Pin 5
FFB field flyback synchro on Pin 6
or SCS synchro composite signal on Pins 5 and 6
+5V
SCS
LFB
FFB
4
25
6
POL
MA/SL
POL to V
DD, Inputs Signals :
are LFB line flyback synchro on Pin 5
FFB field flyback synchro on Pin 6
or SCS synchro composite signal on Pins 5 and 6
+5V
are
Note : R
1D0 and R1D1 must be set to 1.
Figure 5 : Slave Synchronization Mode
VCS, TCS
(interlaced)
VCS, TCS
(interlaced)
TCS
(non-interlaced)
621
(308)
622
(309)
623
(310)
624
(311)
625
(312)
12
345
6
309
310
311
312
313
314
(1)
315
(2)
316
(3)
317
(4)
318
(5)
319
(6)
308
309
310
311
312
1
2
3
4
5
6
The number positions indicate the end of lines.
Internal signals :
- VCS composite synchro from CVBS signal,
- TCS Teletext composite synchro.
Figure 4 : Master Synchronization Mode - Delivered Composite Synchronization Signal
Line 16
Field 0
DV for
VPS Data
Field 1
Field 0
Figure 6 : Data Valid Timing (DV)
STV5347 - STV5347/H - STV5347/T
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com