Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5347 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV5347
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5347 Datasheet(HTML) 5 Page - STMicroelectronics

  STV5347 Datasheet HTML 1Page - STMicroelectronics STV5347 Datasheet HTML 2Page - STMicroelectronics STV5347 Datasheet HTML 3Page - STMicroelectronics STV5347 Datasheet HTML 4Page - STMicroelectronics STV5347 Datasheet HTML 5Page - STMicroelectronics STV5347 Datasheet HTML 6Page - STMicroelectronics STV5347 Datasheet HTML 7Page - STMicroelectronics STV5347 Datasheet HTML 8Page - STMicroelectronics STV5347 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
0 4.66
64
312
291
41
0
0
16.67
56.67
40
µs
lines 42 to 291 inclusive
(and 355 to 604 inclusive interlaced)
(a) LINE RATE
(b) FIELD RATE
all timings in
µs
line numbers
LSP
(TCS)
R.G.B.Y
(1)
R.G.B.Y
(1)
Figure 1 : Display Output Timing
t BUF
t HD,STA
t LOW
t HIGH
t SU,STO
t R
t SU,STA
t HD,DAT
t F
t SU,DAT
SDA
SCL
SDA
VIH =3V , VIL = 1.5V
Figure 2 : Serial Bus Timing
Output signal on STTV Pin :
VCS when R
1D2 =0
TCS when R
1D2 =1
2
4
POL
MA/SL
+5V
VCS when R
1D2 =0
TCS when R
1D2 =1
POL grounded
POL to V
DD
1
Synchro
Extractor
Line PLL
Line PLL
VCS
R
1D2 =” 0”
TCS
R
1D2 =” 1”
Bit R
1D2
I2C
Control
STTV
Figure 3 : Master Synchronization Mode - Hardware Configuration
STV5347 - STV5347/H - STV5347/T
5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com