Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001VF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HSG2001VF Datasheet HTML 3Page - Renesas Technology Corp HSG2001VF Datasheet HTML 4Page - Renesas Technology Corp HSG2001VF Datasheet HTML 5Page - Renesas Technology Corp HSG2001VF Datasheet HTML 6Page - Renesas Technology Corp HSG2001VF Datasheet HTML 7Page - Renesas Technology Corp HSG2001VF Datasheet HTML 8Page - Renesas Technology Corp HSG2001VF Datasheet HTML 9Page - Renesas Technology Corp HSG2001VF Datasheet HTML 10Page - Renesas Technology Corp HSG2001VF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 7 of 24
S parameter
(VCE = 2 V, IC = 5 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.891
-30.4
14.63
159.8
0.0325
86.4
0.958
-20.2
200
0.867
-58.0
13.32
143.3
0.0528
57.8
0.856
-37.3
300
0.826
-81.5
11.68
129.8
0.0681
48.0
0.747
-51.4
400
0.802
-100.4
10.17
119.1
0.0774
38.7
0.646
-62.9
500
0.784
-115.3
8.83
110.6
0.0839
33.0
0.564
-72.1
600
0.767
-127.2
7.69
103.7
0.0873
28.8
0.498
-80.2
700
0.758
-136.8
6.77
98.0
0.0903
24.8
0.446
-86.7
800
0.751
-145.0
6.02
93.1
0.0919
21.6
0.406
-93.0
900
0.745
-151.7
5.41
89.0
0.0935
19.3
0.373
-98.4
1000
0.742
-157.6
4.90
85.4
0.0950
17.6
0.347
-103.5
1100
0.741
-162.8
4.46
81.9
0.0946
16.4
0.324
-108.1
1200
0.741
-167.4
4.10
78.8
0.0953
15.2
0.306
-112.8
1300
0.740
-171.5
3.79
75.9
0.0948
13.9
0.291
-117.2
1400
0.741
-175.3
3.52
73.1
0.0954
12.8
0.279
-121.2
1500
0.741
-178.9
3.28
70.5
0.0949
12.3
0.270
-125.2
1600
0.742
177.7
3.08
68.0
0.0950
11.8
0.262
-129.0
1700
0.742
174.7
2.89
65.6
0.0948
11.0
0.257
-132.5
1800
0.746
171.9
2.73
63.3
0.0954
10.9
0.252
-135.9
1900
0.747
169.2
2.59
60.9
0.0946
10.8
0.249
-139.5
2000
0.749
166.6
2.45
58.7
0.0949
10.3
0.246
-142.7
2100
0.751
164.0
2.33
56.5
0.0942
10.5
0.245
-145.8
2200
0.755
161.7
2.23
54.4
0.0948
10.6
0.244
-148.9
2300
0.758
159.4
2.12
52.3
0.0943
10.2
0.246
-151.6
2400
0.759
157.3
2.03
50.2
0.0934
10.4
0.247
-154.3
2500
0.761
155.2
1.95
48.2
0.0946
10.6
0.249
-156.6
2600
0.765
153.0
1.87
46.2
0.0943
10.6
0.249
-159.3
2700
0.769
151.2
1.80
44.3
0.0939
10.6
0.252
-161.7
2800
0.772
149.2
1.74
42.3
0.0949
11.4
0.255
-164.4
2900
0.773
147.4
1.66
40.4
0.0947
10.5
0.258
-166.9
3000
0.775
145.6
1.61
38.5
0.0948
11.8
0.263
-169.0
3100
0.780
143.9
1.55
36.7
0.0945
12.0
0.268
-170.9
3200
0.783
142.2
1.50
34.8
0.0955
12.2
0.273
-172.9
3300
0.785
140.5
1.45
33.0
0.0956
12.1
0.276
-174.8
3400
0.789
138.8
1.41
31.1
0.0958
13.1
0.280
-176.8
3500
0.790
137.3
1.36
29.5
0.0965
12.9
0.284
-178.5
3600
0.791
135.6
1.32
27.6
0.0963
13.5
0.290
179.2
3700
0.793
134.3
1.28
26.1
0.0975
14.2
0.294
177.5
3800
0.794
132.8
1.24
24.5
0.0985
14.9
0.300
176.0
3900
0.799
131.5
1.21
22.9
0.1000
15.7
0.306
174.6
4000
0.801
130.1
1.18
21.2
0.1014
15.7
0.312
173.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com