Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001VF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSG2001VF Datasheet HTML 1Page - Renesas Technology Corp HSG2001VF Datasheet HTML 2Page - Renesas Technology Corp HSG2001VF Datasheet HTML 3Page - Renesas Technology Corp HSG2001VF Datasheet HTML 4Page - Renesas Technology Corp HSG2001VF Datasheet HTML 5Page - Renesas Technology Corp HSG2001VF Datasheet HTML 6Page - Renesas Technology Corp HSG2001VF Datasheet HTML 7Page - Renesas Technology Corp HSG2001VF Datasheet HTML 8Page - Renesas Technology Corp HSG2001VF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 3 of 24
Main Characteristics
100
80
60
40
20
12
3
4
5
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
250
100
0
1
10
100
VCE = 2 V
0
Collector to Emitter Voltage
VCE (V)
Typical Output Characteristics
Base to Emitter Voltage
VBE (V)
Typical Transfer Characteristics
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
550
µA
450
µA
350
µA
250
µA
150
µA
IB = 50
µA
150
200
50
VCE = 2 V
0
50
100
150
200
Collector Power Dissipation Curve
Ambient Temperature
Ta (°C)
500
400
300
200
100
*FR – 4(2 x 2 x 1mm)
on PCB
0.8
0.6
0.4
0.2
0
123
4
IE = 0
f = 1 MHz
1.0
Collector to Base Voltage
VCB (V)
Reverse Transfer Capacitance vs.
Collector to Base Voltage
1.0
0.5
0
123
4
IE = 0
f = 1 MHz
1.5
Collector to Base Voltage
VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com