Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2001VF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HSG2001VF
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001VF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HSG2001VF Datasheet HTML 17Page - Renesas Technology Corp HSG2001VF Datasheet HTML 18Page - Renesas Technology Corp HSG2001VF Datasheet HTML 19Page - Renesas Technology Corp HSG2001VF Datasheet HTML 20Page - Renesas Technology Corp HSG2001VF Datasheet HTML 21Page - Renesas Technology Corp HSG2001VF Datasheet HTML 22Page - Renesas Technology Corp HSG2001VF Datasheet HTML 23Page - Renesas Technology Corp HSG2001VF Datasheet HTML 24Page - Renesas Technology Corp HSG2001VF Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 21 of 24
S parameter
(VCE = 4 V, IC = 20 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.681
-64.8
42.08
144.8
0.0195
77.2
0.809
-45.2
200
0.683
-106.2
31.49
122.7
0.0300
41.6
0.619
-74.2
300
0.675
-129.9
23.52
109.9
0.0343
41.1
0.504
-94.3
400
0.679
-144.4
18.39
101.4
0.0375
37.7
0.438
-109.3
500
0.680
-154.1
14.95
95.5
0.0398
36.7
0.397
-121.2
600
0.679
-161.5
12.47
91.0
0.0424
37.5
0.373
-130.6
700
0.681
-167.2
10.68
87.2
0.0444
38.7
0.356
-138.2
800
0.682
-172.0
9.32
84.1
0.0472
38.1
0.347
-144.9
900
0.683
-176.0
8.25
81.3
0.0500
39.8
0.340
-150.6
1000
0.685
-179.7
7.40
78.9
0.0523
39.6
0.335
-155.5
1100
0.687
177.1
6.69
76.6
0.0548
40.7
0.331
-160.1
1200
0.690
174.0
6.11
74.5
0.0572
40.7
0.329
-164.3
1300
0.691
171.4
5.62
72.3
0.0596
41.6
0.329
-167.8
1400
0.693
168.8
5.20
70.4
0.0627
41.9
0.328
-171.1
1500
0.695
166.4
4.84
68.5
0.0649
42.8
0.329
-174.2
1600
0.698
163.9
4.53
66.7
0.0680
42.6
0.330
-177.1
1700
0.699
161.8
4.25
65.0
0.0702
42.5
0.332
-179.6
1800
0.703
159.8
4.01
63.1
0.0732
42.4
0.333
177.9
1900
0.705
157.8
3.78
61.4
0.0762
41.9
0.336
175.7
2000
0.708
155.8
3.59
59.7
0.0789
41.8
0.337
173.3
2100
0.710
153.8
3.41
58.0
0.0811
41.9
0.340
171.2
2200
0.714
152.1
3.25
56.3
0.0845
41.8
0.343
169.2
2300
0.718
150.3
3.10
54.7
0.0866
41.0
0.346
167.6
2400
0.719
148.6
2.96
53.0
0.0892
40.7
0.349
166.0
2500
0.722
146.9
2.83
51.5
0.0929
40.2
0.352
164.3
2600
0.726
145.2
2.73
49.8
0.0938
40.4
0.354
162.4
2700
0.730
143.7
2.61
48.3
0.0970
39.5
0.356
160.9
2800
0.733
142.0
2.52
46.6
0.0998
39.1
0.361
159.2
2900
0.735
140.5
2.42
45.1
0.1016
37.7
0.365
157.5
3000
0.737
139.0
2.34
43.6
0.1037
38.0
0.369
156.2
3100
0.741
137.5
2.26
42.1
0.1064
37.4
0.373
154.9
3200
0.744
136.1
2.18
40.5
0.1089
36.9
0.377
153.6
3300
0.748
134.7
2.11
39.0
0.1115
36.2
0.380
152.2
3400
0.750
133.2
2.05
37.4
0.1136
35.5
0.382
150.6
3500
0.752
131.9
1.98
36.0
0.1155
35.0
0.385
149.4
3600
0.754
130.4
1.92
34.5
0.1170
34.4
0.389
147.8
3700
0.755
129.3
1.86
33.2
0.1197
34.1
0.391
146.7
3800
0.755
128.0
1.81
31.9
0.1230
33.7
0.395
145.6
3900
0.760
126.9
1.76
30.5
0.1256
32.9
0.398
144.7
4000
0.762
125.6
1.72
29.1
0.1278
32.3
0.402
143.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com