Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT2210R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HAT2210R
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2210R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HAT2210R Datasheet HTML 4Page - Renesas Technology Corp HAT2210R Datasheet HTML 5Page - Renesas Technology Corp HAT2210R Datasheet HTML 6Page - Renesas Technology Corp HAT2210R Datasheet HTML 7Page - Renesas Technology Corp HAT2210R Datasheet HTML 8Page - Renesas Technology Corp HAT2210R Datasheet HTML 9Page - Renesas Technology Corp HAT2210R Datasheet HTML 10Page - Renesas Technology Corp HAT2210R Datasheet HTML 11Page - Renesas Technology Corp HAT2210R Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HAT2210R, HAT2210RJ
Rev.3.00, Mar.15.2005, page 10 of 11
• Common
Vin Monitor
D.U.T.
Vin
10 V
R L
V
= 10 V
DS
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
t f
Switching Time Test Circuit
Switching Time Waveform
Rg
D. U. T
Rg
I
Monitor
AP
VDS
Monitor
VDD
50
Ω
Vin
10 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• IAP2 •
2
1
VDSS
VDSS – VDD
Avalanche Test Circuit
Avalanche Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com