Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT2210R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT2210R
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2210R Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT2210R Datasheet HTML 1Page - Renesas Technology Corp HAT2210R Datasheet HTML 2Page - Renesas Technology Corp HAT2210R Datasheet HTML 3Page - Renesas Technology Corp HAT2210R Datasheet HTML 4Page - Renesas Technology Corp HAT2210R Datasheet HTML 5Page - Renesas Technology Corp HAT2210R Datasheet HTML 6Page - Renesas Technology Corp HAT2210R Datasheet HTML 7Page - Renesas Technology Corp HAT2210R Datasheet HTML 8Page - Renesas Technology Corp HAT2210R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.3.00, Mar.15.2005, page 1 of 11
HAT2210R, HAT2210RJ
Silicon N Channel Power MOS FET with Schottky Barrier Diode
High Speed Power Switching
REJ03G0578-0300
Rev.3.00
Mar.15.2005
Features
• Low on-resistance
• Capable of 4.5 V gate drive
• High density mounting
• Built-in Schottky Barrier Diode
Outline
RENESAS Package code: PRSP0008DD-A
(Package name: SOP-8<FP-8DA>)
1 2
3
4
5
6
7
8
G
D
G
S
MOS1
MOS2 and
Schottky Barrier Diode
2
7
4
3
1, 3
Source
2, 4
Gate
5, 6, 7, 8
Drain
S
DD
1
56
D
8
Absolute Maximum Ratings
(Ta = 25°C)
Ratings
HAT2210R
HAT2210RJ
Item
Symbol
MOS1
MOS2 & SBD
MOS1
MOS2 & SBD
Unit
Drain to source voltage
VDSS
30
30
30
30
V
Gate to source voltage
VGSS
±20
±12
±20
±12
V
Drain current
ID
7.5
8.0
7.5
8.0
A
Drain peak current
ID(pulse)
Note1
60
64
60
64
A
Reverse drain current
IDR
7.5
8.0
7.5
8.0
A
Avalanche current
IAP
Note 2
—
—
7.5
8.0
A
Avalanche energy
EAR
Note 2
—
—
5.62
6.4
mJ
Channel dissipation
Pch
Note3
1.5
1.5
1.5
1.5
W
Channel temperature
Tch
150
150
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
–55 to +150
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1 %
2. Value at Tch = 25
°C, Rg ≥ 50 Ω
3. 1 Drive operation; When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10 s


Similar Part No. - HAT2210R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2210R-EL-E RENESAS-HAT2210R-EL-E Datasheet
178Kb / 12P
Silicon N Channel Power MOSFET with Schottky Barrier Diode
HAT2210R RENESAS-HAT2210R_17 Datasheet
178Kb / 12P
Silicon N Channel Power MOSFET with Schottky Barrier Diode
More results

Similar Description - HAT2210R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0383DPA RENESAS-RJK0383DPA Datasheet
114Kb / 5P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA Datasheet
113Kb / 5P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP Datasheet
130Kb / 10P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2126RP RENESAS-HAT2126RP Datasheet
263Kb / 17P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA_09 Datasheet
358Kb / 11P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP_10 Datasheet
115Kb / 10P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0214DPA RENESAS-RJK0214DPA Datasheet
260Kb / 11P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0215DPA RENESAS-RJK0215DPA Datasheet
271Kb / 11P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0230DPA RENESAS-RJK0230DPA Datasheet
221Kb / 11P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0223DNS RENESAS-RJK0223DNS Datasheet
81Kb / 5P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com