Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT2210R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2210R
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2210R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2210R Datasheet HTML 1Page - Renesas Technology Corp HAT2210R Datasheet HTML 2Page - Renesas Technology Corp HAT2210R Datasheet HTML 3Page - Renesas Technology Corp HAT2210R Datasheet HTML 4Page - Renesas Technology Corp HAT2210R Datasheet HTML 5Page - Renesas Technology Corp HAT2210R Datasheet HTML 6Page - Renesas Technology Corp HAT2210R Datasheet HTML 7Page - Renesas Technology Corp HAT2210R Datasheet HTML 8Page - Renesas Technology Corp HAT2210R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HAT2210R, HAT2210RJ
Rev.3.00, Mar.15.2005, page 3 of 11
• MOS2 & Schottky Barrier Diode
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
—
—
±0.1
µA
VGS =
±12 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
mA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.4
—
2.5
V
VDS = 10 V, ID =1 mA
RDS(on)
—
17
22
m
Ω
ID =4 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
—
21
29
m
Ω
ID = 4 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
15
25
—
S
ID = 4 A, VDS = 10 V
Note4
Input capacitance
Ciss
—
1330
—
pF
Output capacitance
Coss
—
230
—
pF
Reverse transfer capacitance
Crss
—
92
—
pF
VDS = 10 V, VGS = 0,
f = 1MHz
Total gate charge
Qg
—
11
—
nC
Gate to source charge
Qgs
—
3.8
—
nC
Gate to drain charge
Qgd
—
3.2
—
nC
VDD = 10 V, VGS = 4.5 V,
ID = 8 A
Turn-on delay time
td(on)
—
10
—
ns
Rise time
tr
—
16
—
ns
Turn-off delay time
td(off)
—
43
—
ns
Fall time
tf
—
3.9
—
ns
VGS = 10 V, ID = 4 A,
VDD
≈ 10 V, RL = 2.5 Ω,
Rg = 4.7
Ω
Schottky Barrier diode forward voltage
VF
—
0.5
—
V
IF = 3.5 A, VGS = 0
Note4
Body–drain diode reverse
recovery time
trr
—
15
—
ns
IF = 8 A, VGS = 0
diF/ dt = 100 A/
µs
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com