Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5742 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5742
Description  2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5742 Datasheet(HTML) 1 Page - STMicroelectronics

  STV5742 Datasheet HTML 1Page - STMicroelectronics STV5742 Datasheet HTML 2Page - STMicroelectronics STV5742 Datasheet HTML 3Page - STMicroelectronics STV5742 Datasheet HTML 4Page - STMicroelectronics STV5742 Datasheet HTML 5Page - STMicroelectronics STV5742 Datasheet HTML 6Page - STMicroelectronics STV5742 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STV5742
2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
February 1997
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V2
V1
C1
H1
GND1
H2
C2
CAGCREC
RECIN
TRIV
CSYN
GND2
PBOUT
SWIN
IOUT
VCC
PIN CONNECTIONS
SO16 Narrow
(Plastic Package)
ORDER CODE : STV5742
.
ONE 5V POWER SUPPLY
.
PLAYBACK/RECORD
MODE
SELECTION
THROUGH A LOGIC INPUT
.
SO16 PACKAGE
.
NO ADJUSTMENT FOR LUMINANCE RE-
CORDING
PLAYBACK MODE
.
LOW NOISE AND WIDE BAND AMPLIFIERS
FOR 2 HEADS
.
AUTOMATIC
OFFSET
CANCELLATION
BETWEEN THE 2 SELECTED HEADS
.
ONE PLAYBACK OUTPUT
.
ONE OUTPUT FOR AUTOMATIC VIDEO
TRACKING
RECORD MODE
.
RECORD AGC AMPLIFIER SAMPLED BY
SYNCHRO SIGNAL
.
RECORDING SIGNAL LEVEL ADJUSTABLE
BY EXTERNAL RESISTOR
1/7


Similar Part No. - STV5742

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5744A STMICROELECTRONICS-STV5744A Datasheet
88Kb / 8P
4-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
May-1997
More results

Similar Description - STV5742

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3328S PANASONIC-AN3328S Datasheet
75Kb / 8P
2-head recording and playback amplifier IC A2 for HiFi VCR
logo
STMicroelectronics
STV5722A STMICROELECTRONICS-STV5722A Datasheet
87Kb / 5P
2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Jul-1994
STV5726A STMICROELECTRONICS-STV5726A Datasheet
68Kb / 6P
2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Feb-1997
STV5728 STMICROELECTRONICS-STV5728 Datasheet
114Kb / 11P
4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
May-1997
STV5744A STMICROELECTRONICS-STV5744A Datasheet
88Kb / 8P
4-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
May-1997
logo
Sanyo Semicon Device
LA7415 SANYO-LA7415 Datasheet
200Kb / 12P
VHS VCR Playback Head and Record Amplifiers
logo
STMicroelectronics
STV5715 STMICROELECTRONICS-STV5715 Datasheet
242Kb / 9P
ADVANCED 2-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR
Nov-1993
STV5723 STMICROELECTRONICS-STV5723 Datasheet
179Kb / 6P
3-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Mar-1993
STV5725 STMICROELECTRONICS-STV5725 Datasheet
415Kb / 7P
4-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Sep-1996
STV5727 STMICROELECTRONICS-STV5727 Datasheet
363Kb / 7P
2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Sep-1996
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com