Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5742 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5742
Description  2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5742 Datasheet(HTML) 4 Page - STMicroelectronics

  STV5742 Datasheet HTML 1Page - STMicroelectronics STV5742 Datasheet HTML 2Page - STMicroelectronics STV5742 Datasheet HTML 3Page - STMicroelectronics STV5742 Datasheet HTML 4Page - STMicroelectronics STV5742 Datasheet HTML 5Page - STMicroelectronics STV5742 Datasheet HTML 6Page - STMicroelectronics STV5742 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified)
Record Mode (VCC = 5V, Recadj = 12k
Ω, SWR = 5V, CAGCREC = 470pF, RRCY = 2.2kΩ,
RRCC = 8.2k
Ω, Load 10µH//1kΩ for each simulated head) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
SWITCHING LEVELS (continued)
VSWRCL
SWRC Input Threshold
Selects playback mode, 5 to 0V
3.1
3.3
3.8
V
ISWRCH
SWRC Input Leakage Current
5V at SWRC input
2
5
8
mA
ISWRCL
SWRC Input Leakage Current
0V at SWRC input
-20
0
20
µA
tON
Delay
Signal appears on PBOUT
3
ms
t1
Delay from playback to record :
Signal disappears on Pin PBOUT
22nF between Hi/Vi
1
µs
t2
Delay from record to playback :
Signal appears on Pin PBOUT
22nF between Hi/Vi
5
ms
t3
Delay from playback to record :
Signal appears on Pin IOUT
25
µs
t4
Delay from record to playback :
Signal disappears on Pin IOUT
7
µs
VCSYH
CSYN Input Threshold
Sampling on (I = -25
µA)
2.2
2.5
2.8
V
VCSYL
CSYN Input Threshold
Sampling off (I = 25
µA)
2.2
2.5
2.8
V
ICSYH
Leakage Current
Sampling on
-10
µA
ICSYL
Leakage Current
Sampling off
10
µA
1
I
OUT
7
Ω
50k
Ω
Figure 1
2
V1
V
CC
V
CC
2.7k
Ω
Figure 2
INTERNAL SCHEMATICS
3
V2
V
CC
V
CC
Figure 3
C1/C2
Pins 4/8
V
CC
1k
Ω
Figure 4
STV5742
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com