Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5742 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5742
Description  2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5742 Datasheet(HTML) 3 Page - STMicroelectronics

  STV5742 Datasheet HTML 1Page - STMicroelectronics STV5742 Datasheet HTML 2Page - STMicroelectronics STV5742 Datasheet HTML 3Page - STMicroelectronics STV5742 Datasheet HTML 4Page - STMicroelectronics STV5742 Datasheet HTML 5Page - STMicroelectronics STV5742 Datasheet HTML 6Page - STMicroelectronics STV5742 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified)
Playback Mode (VCC = 5V, no load on Pin PBOUT, Recadj = 12k
Ω)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
PLAYBACK AMPLIFIER
ICC1
Supply Current
19
29
39
mA
GPB
Playback Gain
Sinewave 600kHz, 0.4mVPP on inputs
58
60
62
dB
EN
Equivalent Voltage Noise
Input grounded via IOUT Pin @ 600kHz,
BW = 10kHz
0.45
0.6
nV
√
Hz
IN
Equivalent Input Current Noise
Input open @ 6MHz, BW = 10kHz
2.5
pA
√
Hz
CRT1
Crosstalk
Sinewave @ 4MHz, 0.4mVPP
-35
-30
dB
RPBSW
Playback Switch on Resistor
@ 6MHz
1
5
10
Ω
BWLCF
Attenuation @ 100KHz
Reference level @ 600kHz
-3
0
1
dB
BWHCF
Attenuation @ 8MHz
Reference level @ 4MHz
-3
-1
0
dB
CIN
Input Capacitance
@ 6MHz, 22nF between Vi/Hi
40
50
60
pF
ZIN
Input Impedance
@ 6MHz
300
450
600
Ω
ZCPB
Output Resistance
DC
5
24
50
Ω
VDCPB1
DC Level on Pin PBOUT
1.6
2
2.4
V
DVDC
Head Switch Offset
-0.1
0
0.1
V
SHPB1
2nd Harmonic
Sinewave @ 4MHz, 0.4mVPP
-45
-40
dB
TRIV FUNCTION
TRIV0
Output Level (1)
No input signal
0
0.3
1
V
TRIV1
Output Level (2)
Sinewave @ 4MHz, 100mVPP @ PBOUT
1.3
V
TRIV4
Output Level (3)
Sinewave @ 4MHz, 400mVPP @ PBOUT
2.5
3.1
3.5
V
TRIV6
Output Level (4)
Sinewave @ 4MHz, 600mVPP @ PBOUT
3.2
3.7
4.2
V
TRIV1-TRIV0
0.5
1
-
V
Record Mode (VCC = 5V, Recadj = 12k
Ω, SWR = 5V, CAGCREC = 470pF, RRCY = 2.2kΩ,
RRCC = 8.2k
Ω, Load 10µH//1kΩ for each simulated head)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
RECORD AMPLIFIER
ICC2
Current Supply
55
85
115
mA
IHA0
DC Current through IOUT
28
38
47.5
mA
IHA1
Fundamental
VRCY = 300mVPP @ 4MHz
34
36
38
mAPP
IHA2
2nd Harmonic
VRCY = 300mVPP @ 4MHz
-40
-36
dB
IHA2M
2nd Harmonic
VRCY = 400mVPP @ 4MHz,
AGC adjusted for IAH1 = 40mAPP
-34
-32
dB
BWRECL
Attenuation at 100kHz
Reference level @ 600kHz, AGC locked
-3
0
1
dB
BWRECH
Attenuation at 8MHz
Reference level @ 4MHz, AGC locked
-2
-0.5
1
dB
DVLREC
Record AGC Sensitivity
VIN = 300mVPP
±3dB @ f = 4MHz
-0.2
0
+0.2
dB
RIOUT
Output Resistance
∆V = 5V
3.5
5.5
-
κΩ
RSAT
Output Stage Resistance
∆I = 10mA
5
10
50
Ω
IRN
AGC Capacitor downloading
Current
4.5V at CAGC Pin
165
µA
IRP
AGC Capacitor uploading
Current
0.5V at CAGC Pin,
VIN = 300mVPP @ 4MHz
-165
µA
SWITCHING LEVELS
VSWINH
SWIN Input Threshold
Selects head H1, 0 to 5V
1.5
2
2.5
V
VSWINL
SWIN Input Threshold
Selects head H2, 5 to 0V
1.5
2
2.5
V
ISWINH
SWIN Input Leakage Current
5V at SWIN input
5
18
50
µA
ISWINL
SWIN Input Leakage Current
0V at SWIN input
-50
-25
-5
µA
VSWRCH
SWRC Input Threshold
Selects record mode, 0 to 5V
3.2
3.4
3.8
V
STV5742
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com