Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5744A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV5744A
Description  4-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5744A Datasheet(HTML) 7 Page - STMicroelectronics

  STV5744A Datasheet HTML 1Page - STMicroelectronics STV5744A Datasheet HTML 2Page - STMicroelectronics STV5744A Datasheet HTML 3Page - STMicroelectronics STV5744A Datasheet HTML 4Page - STMicroelectronics STV5744A Datasheet HTML 5Page - STMicroelectronics STV5744A Datasheet HTML 6Page - STMicroelectronics STV5744A Datasheet HTML 7Page - STMicroelectronics STV5744A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SWITCH TABLE
SW-R
SW-M
SW-S
SW-H
Channel
SW1-SP
SW2-SP
SW1-LP
SW2-LP
SW-SP
SW-LP SWREC-SP SWREC-LP
ENVC (SPLP)
LLLL
2-SP
OFF
OFF
ON
ON
OFF
OFF
High IF LP > SP
Low IF LP < SP
H
1-SP
H
L
1-LP
H
2-LP
L
H
L
2-SP
OFF
ON
H
1-SP
H
L
1-LP
ON
OFF
H
2-LP
H
L
L
L
SP
OFF
ON
OFF
ON
ON
OFF
High
H
H
L
LP
ON
OFF
ON
OFF
OFF
ON
H
SWREC-LP
V
CC
SW-SP
SW-LP
SW-M
CSYNC
CAGCREC
TRIV
CSYN
GND2
YCPB/SWR
SWIN
ENVC
GND1
V1 SP
V2 SP
H1 SP
H2 SP
H2 LP
H1 LP
V1 LP
V2 LP
60dB
CH1S
CH2S
22nF
CH2L
CH1L
RADJ
12k
Ω
RSWH
100k
Ω
RSWM
47k
Ω
1N4148
RRCY
2.2k
Ω
CRCY
1N4148
RRCC
8.2k
Ω
CRCC
SWS
CREC
YREC
TRIV
CSYN
SWR
YCPB
SWM
SWH
ENVC
CAGC
22nF
C1
22nF
C2
22
µF
L1 22
µH
22nF
22nF
22nF
C4
22nF
R2
1k
Ω
22nF
R1
C3
1k
Ω
22nF
22nF
RECIN/SWS
100k
Ω
STV5744A
60dB
60dB
60dB
SWRECSP
V
CC
I
OUT LP
I
OUT LP
I
OUT LP
I
OUT SP
C
IN
OUT
FF
6
5
7
8
9
10
4
3
2
1
15
16
14
13
12
11
17
18
19
20
V
CC
V
CC
APPLICATION DIAGRAM
STV5744A
7/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com