Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5744A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV5744A
Description  4-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5744A Datasheet(HTML) 2 Page - STMicroelectronics

  STV5744A Datasheet HTML 1Page - STMicroelectronics STV5744A Datasheet HTML 2Page - STMicroelectronics STV5744A Datasheet HTML 3Page - STMicroelectronics STV5744A Datasheet HTML 4Page - STMicroelectronics STV5744A Datasheet HTML 5Page - STMicroelectronics STV5744A Datasheet HTML 6Page - STMicroelectronics STV5744A Datasheet HTML 7Page - STMicroelectronics STV5744A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
V
CC
AGC
CSYNC
SW1-LP
SW2-LP
SW-M
CSYNC
60dB
SW2-SP
SW1-SP
I
OUT LP
C
IN
OUT
FF
6
5
789
10
4
3
2
1
15
16
14
13
12
11
17
18
19
20
60dB
60dB
60dB
V
CC
S
T
V
5
7
4
4
A
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
6
V
Tj
Junction Temperature
150
oC
Toper
Operating Temperature
0, +70
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
75
oC/W
RECOMMENDED OPERATING CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply
4.75
5
5.25
V
CAGC
Capacitance on Pin CAGCREC
4.7
nF
RECADJ
Record Biasing Resistor
10
33
k
Ω
STV5744A
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com