Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5744A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5744A
Description  4-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5744A Datasheet(HTML) 3 Page - STMicroelectronics

  STV5744A Datasheet HTML 1Page - STMicroelectronics STV5744A Datasheet HTML 2Page - STMicroelectronics STV5744A Datasheet HTML 3Page - STMicroelectronics STV5744A Datasheet HTML 4Page - STMicroelectronics STV5744A Datasheet HTML 5Page - STMicroelectronics STV5744A Datasheet HTML 6Page - STMicroelectronics STV5744A Datasheet HTML 7Page - STMicroelectronics STV5744A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified)
Playback Mode (VCC = 5V, no load on Pin YCPB, Recadj = 12k
Ω)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
PLAYBACK AMPLIFIER
ICC1
Supply Current
42
52
62
mA
GPB
Playback Gain
Sinewave 600kHz, 0.4mVPP on inputs
58
60
62
dB
EN
Equivalent Voltage Noise
Input grounded via IOUT Pin @ 600kHz,
BW = 10kHz
0.6
0.7
nV
√
Hz
IN
Equivalent Input Current Noise
Input open @ 6MHz, BW = 10kHz
1.7
pA
√
Hz
CRT1
Crosstalk (LP
→ SP)
Sinewave @ 4MHz, 0.4mVPP
-45
-40
dB
CRT2
Crosstalk (SP
→ LP)
Sinewave @ 4MHz, 0.4mVPP
-41
-35
dB
RPBSW
Playback Switch on Resistor
@ 6MHz
5
10
15
Ω
BWLCF
Attenuation @ 100KHz
Reference level @ 600kHz
-3
-2
1
dB
BWHCF
Attenuation @ 8MHz
Reference level @ 4MHz
-3
-1
0
dB
CIN
Input Capacitance
@ 6MHz, 22nF between Vi/Hi
40
50
60
pF
ZIN
Input Impedance
@ 6MHz
300
450
600
Ω
ZCPB
Output Resistance
DC
5
24
50
Ω
VDCPB1
DC Level on Pin YCPB
1.6
2
2.4
V
DVDC
Head Switch Offset
-0.2
0
0.2
V
SHPB1
2nd Harmonic
Sinewave @ 4MHz, 0.4mVPP
-45
-40
dB
RCST
Off-resistance on unused
channel
SW-S high
10
15
20
Ω
TRIV FUNCTION
TRIV0
Output Level (1)
No input signal
0
0.3
1
V
TRIV1
Output Level (2)
Sinewave @ 4MHz, 100mVPP @ YCPB
1.3
V
TRIV4
Output Level (3)
Sinewave @ 4MHz, 400mVPP @ YCPB
2.5
3.1
3.5
V
TRIV6
Output Level (4)
Sinewave @ 4MHz, 600mVPP @ YCPB
3.15
3.65
4.15
V
TRIV1 - TRIV0
0.5
1
V
SP/LP ENVELOPE DETECTOR
VENVCH
Output Level
4
4.5
5
V
VENVCL
Output Level
0
0.3
1
V
SENS1
Sensitivity
50
µVPP to 600µVPP @ SP input pins
0.3
1
V
SENS2
Sensitivity
50
µVPP to 600µVPP @ LP input pins
4
4.5
V
STV5744A
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com