Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410AD Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV6410AD
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410AD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV6410AD Datasheet HTML 3Page - STMicroelectronics STV6410AD Datasheet HTML 4Page - STMicroelectronics STV6410AD Datasheet HTML 5Page - STMicroelectronics STV6410AD Datasheet HTML 6Page - STMicroelectronics STV6410AD Datasheet HTML 7Page - STMicroelectronics STV6410AD Datasheet HTML 8Page - STMicroelectronics STV6410AD Datasheet HTML 9Page - STMicroelectronics STV6410AD Datasheet HTML 10Page - STMicroelectronics STV6410AD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Tamb = 25°C, AVCC = VVCC = 8V, VCC12 = 12V, RLOUTA = 10k
Ω, RGA = 600Ω, RGV = 50Ω, RLOUTV = 4.7kΩ,
unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIDEO SECTION
VDCIN
DC Input Level
Bottom Synch Pulse
2
V
ICLAMP
Clamping current
at VDCIN - 400mV
1
2
mA
ILEAK
Input Leakage Current
VIN = VDCIN + 1V
1
10
µA
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
VVCC = 8V
1.5
2
VPP
DYN
Dynamic Output Signal
VVCC = 8V
3
4
VPP
BW
Bandwidth at -3dB Y/CVBS
RGB
Y/C mixer (on RF out)
VIN = 1VPP
VIN = 1VPP
VINY = 1VPP, VINC = muted
15
15
10
18
18
15
MHz
MHz
MHz
CT
Crosstalk Isolation between Channels
VIN = 1VPP at f = 5MHz,
on one input
50
60
dB
ROUT
Output Resistance
50
Ω
RLOAD
Load Impedance
1
4.7
∞
k
Ω
GRGB
Gain at RGB outputs
VIN = 1VPP, gain set to 6dB
5.5
6
6.5
dB
GRGBM
Gain matching between R, G, B
VIN = 1VPP, gain set to 6dB
-0.3
0
0.3
dB
GRGBSTEP
Step of Gain
3dB to 6dB
0.75
1
1.25
dB
GYCVBS
Gain on Y/CVBS channels
VIN = 1VPP
5.5
6
6.5
dB
GYCVBSM
Gain matching between Y, CVBS inputs
VIN = 1VPP
-0.5
0
0.5
dB
DCOUT
DC Output Voltage
Bottom sync pulse
1.1
1.3
V
DCOUT RF
RF Output Voltage
Bottom sync pulse
1.5
1.8
V
DPHI
Differential Phase
VIN = 1VPP, 4.43MHz
0.7
°
DG
Differential Gain
VIN = 1VPP, 4.43MHz
0.4
%
Mute
Mute Suppression
VIN = 1VPP at f = 5MHz,
on one input
-55
dB
IVOUT
Output current
VOUT DC @ +1V
1.5
2.5
mA
CHROMA SECTION
VDCIN
DC Input Level
3
V
RIN
Input Resistance
45
55
k
Ω
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
1.5
2
VPP
Dyn
Dynamic Output Signal
3
3.8
V
DCOUT
DC Output Voltage
1.9
2.3
V
CBW
Chroma Bandwidth
CIN = 1VPP at - 3dB
10
19
MHz
CT
Crosstalk Isolation between Channel
VIN = 1VPP at f = 5MHz,
on one input
52
dB
ROUT
Output Resistance
50
Ω
GOUTC
Gain at OUTC
VIN = 1VPP
5.5
6
6.5
dB
GCM
Gain matching between C inputs
VIN = 1VPP
-0.5
0
0.5
dB
Mute
Mute Suppression
VIN = 1VPP at f = 5MHz,
on one input
55
dB
CtoYdel
Chroma to luma delay,source Y/C
Pin other than RF_OUT 1,
VPP @ 5MHz
±4
±20
ns
CtoYdel
Chroma to luma delay,source Y/C
Pin RF_OUT
±4
±20
ns
STV6410A
7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com