Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410AD Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV6410AD
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410AD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV6410AD Datasheet HTML 13Page - STMicroelectronics STV6410AD Datasheet HTML 14Page - STMicroelectronics STV6410AD Datasheet HTML 15Page - STMicroelectronics STV6410AD Datasheet HTML 16Page - STMicroelectronics STV6410AD Datasheet HTML 17Page - STMicroelectronics STV6410AD Datasheet HTML 18Page - STMicroelectronics STV6410AD Datasheet HTML 19Page - STMicroelectronics STV6410AD Datasheet HTML 20Page - STMicroelectronics STV6410AD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
V
CC 8V
V
CC 8V
15k
W
tri
2V + V
D
Protected Pad
Figure 1 : Bottom Clamped Video Inputs (Pins 24,
26, 30, 32 ,34, 36, 38, 44, 46, 50, 52)
V
CC 8V
tri
3V
Protected Pad
I
B
V
CC 8V
25k
W
25k
W
Figure 2 : Average Clamped Video Inputs
(Pins 40, 48, 54)
INPUT/OUTPUT GROUPS
V
CC 8V
V
CC/2
Protected Pad
I
B
50k
W
Figure 3 : Audio Inputs (5 Stereo)
(Pins 35-37, 39-41, 47-49, 53-56)
V
CC 8V
Protected Pad
60
W
Figure 4 : Audio Outputs (4 Stereo +1)
(Pins 58, 59, 60-62, 4-6, 8)
V
CC 8V
Protected Pad
100
W
1k
W
V
CC 8V
Figure 5 : Trap Filter (Pin 11)
V
CC 8V
Protected Pad
50
W
V
CC 8V
5k
W
5k
W
Figure 6 : Video Outputs
(Pins 61, 63, 1, 3, 5, 7, 9, 13,15)
STV6410A
17/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com