Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6410AD Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV6410AD
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6410AD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV6410AD Datasheet HTML 11Page - STMicroelectronics STV6410AD Datasheet HTML 12Page - STMicroelectronics STV6410AD Datasheet HTML 13Page - STMicroelectronics STV6410AD Datasheet HTML 14Page - STMicroelectronics STV6410AD Datasheet HTML 15Page - STMicroelectronics STV6410AD Datasheet HTML 16Page - STMicroelectronics STV6410AD Datasheet HTML 17Page - STMicroelectronics STV6410AD Datasheet HTML 18Page - STMicroelectronics STV6410AD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Standby Modes Selection
Register
Address
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
07
AUX Clamps Disabling
1
X
X
X
X
X
X
X
0
Clamp Active
XX
XXX
XX
1
Clamp Disabled
VCR Clamps Disabling
1
X
X
X
X
X
X
0
X
Clamp Active
XX
XXX
X
1
X
Clamp Disabled
ASTB Clamps Disabling
1
X
X
X
X
X
0
X
X
Clamp Active
XX
XXX
1
X
X
Clamp Disabled
TV Clamps Disabling
1
X
X
X
X
0
X
X
X
Clamp Active
X
X
X
X
1
X
X
X
Clamp Disabled
Encoder Clamps Disabling
1
X
X
X
0
X
X
X
X
Clamp Active
X
X
X
1
X
X
X
X
Clamp Disabled
TV/RGB Output Disabling
1
X
X
0
X
X
X
X
X
Audio & Video Outputs ON
X
X
1
X
X
X
X
X
Audio & Video Outputs OFF
AUX Output Disabling
1
X
0
X
X
X
X
X
X
Audio & Video Outputs ON
X
1
X
X
X
X
X
X
Audio & Video Outputs OFF
VCR Output Disabling
1
0
X
X
X
X
X
X
X
Audio & Video Outputs ON
1
X
X
X
X
X
X
X
Audio & Video Outputs OFF
08
CINCH Output Disabling
1
X
X
X
X
X
X
X
0
CINCH Output ON
X
X
X
X
X
X
X
1
CINCH Output OFF
RF MOD Output Disabling
1
X
X
X
X
X
X
0
X
RF MOD Output ON
X
X
X
X
X
X
1
X
RF MOD Output OFF
Output Signals (Read Mode)
Data Byte
Register
Address
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
Slow Blanking TV SCART
2
X
X
X
X
X
X
0
1
Input < 2V
X
X
X
X
X
X
1
0
Input 16/9 format
X
X
X
X
X
X
1
1
Input 4/3 format
Slow Blanking VCR SCART
2
X
X
X
X
0
1
X
X
Input < 2V
X
X
X
X
1
0
X
X
Input 16/9 format
X
X
X
X
1
1
X
X
Input 4/3 format
Slow Blanking AUX SCART
2
X
X
0
1
X
X
X
X
Input < 2V
X
X
1
0
X
X
X
X
Input 16/9 format
X
X
1
1
X
X
X
X
Input 4/3 format
I
2C BUS SELECTION (continued)
STV6410A
15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com