Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7610 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7610
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7610 Datasheet(HTML) 1 Page - STMicroelectronics

  STV7610 Datasheet HTML 1Page - STMicroelectronics STV7610 Datasheet HTML 2Page - STMicroelectronics STV7610 Datasheet HTML 3Page - STMicroelectronics STV7610 Datasheet HTML 4Page - STMicroelectronics STV7610 Datasheet HTML 5Page - STMicroelectronics STV7610 Datasheet HTML 6Page - STMicroelectronics STV7610 Datasheet HTML 7Page - STMicroelectronics STV7610 Datasheet HTML 8Page - STMicroelectronics STV7610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
Version 4.2
June 2000
1/17
STV7610A
PLASMA DISPLAY PANEL DATA DRIVER
FEATURE
s
96 OUTPUTS PLASMA DISPLAY DRIVER
s
100 V ABSOLUTE MAXIMUM SUPPLY
s
5 V SUPPLY FOR LOGIC
s
60/50 mA SOURCE/SINK OUTPUT MOS
s
60/50 mA SOURCE/SINK OUTPUT DIODE
s
6 bit CASCADABLE DATA BUS (20 MHz)
s
BLANK, POLARITY CONTROL
s
BCD TECHNOLOGY
s
PACKAGING TQFP144 OR DICE
DESCRIPTION
The STV7610A is a BCD data driver for Plasma
Display Panel (PDP). Using a 6-bit wide cascada-
ble data bus, it addresses 96 high current & high
voltage outputs. By serially connecting several
STV7610A, any horizontal pixel definition can be
performed. The 20 MHz shift clock gives an equiv-
alent 120 MHz shift register. The STV7610A is
supplied with a separated 90 V power output sup-
ply and a 5 V logic supply. All command inputs are
CMOS compatible.
TQFP144 (20 x 20 x 1.4 mm)
(Thin Plastic Quad Flat Pack)
ORDER CODE: STV7610A
DIE
ORDER CODE: STV7610A/WAF(1)
(1): Unsawn tested wafer
1


Similar Part No. - STV7610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7612/WAF STMICROELECTRONICS-STV7612/WAF Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7617D STMICROELECTRONICS-STV7617D Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7617U STMICROELECTRONICS-STV7617U Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
More results

Similar Description - STV7610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7697A STMICROELECTRONICS-STV7697A Datasheet
110Kb / 15P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
PLASMA DISPLAY PANEL DATA DRIVER
Jan-1999
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
Apr-2002
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
STMicroelectronics
STV7622 STMICROELECTRONICS-STV7622 Datasheet
313Kb / 32P
192 output plasma display panel data driver
29-May-2007
STV7697 STMICROELECTRONICS-STV7697 Datasheet
164Kb / 8P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com