Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7610 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV7610
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7610 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV7610 Datasheet HTML 9Page - STMicroelectronics STV7610 Datasheet HTML 10Page - STMicroelectronics STV7610 Datasheet HTML 11Page - STMicroelectronics STV7610 Datasheet HTML 12Page - STMicroelectronics STV7610 Datasheet HTML 13Page - STMicroelectronics STV7610 Datasheet HTML 14Page - STMicroelectronics STV7610 Datasheet HTML 15Page - STMicroelectronics STV7610 Datasheet HTML 16Page - STMicroelectronics STV7610 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STV7610A
13/17
AC TIMINGS REQUIREMENTS
(VCC = 4.5 V to 5.5 V, Tamb = -20 to +85°C, input signals max leading edge & trailing edge (tR,tF) = 10 ns)
AC TIMINGS CHARACTERISTICS
(VCC =5 V, VPP =90 V, VSPP =0 V, VSSLOG =0 V, VSSSUB =0 V, Tamb =25°C)
(VIL(Max.) = 0.2 Vcc, VIH(Min.) = 0.8 VCC,VOH = 4.0V, VOL = 0.4 V, unless otherwise specified)
Note 6 One output among 96, loading capacitor CL = 50pF, other outputs at low level.
Symbol
Parameter
Min.
Typ.
Max.
Unit
tWHCLK
Duration of clock (CLK) pulse at high level
15
-
-
ns
tWLCLK
Duration of clock (CLK) pulse at low level
15
-
-
ns
tSDAT
Set-up Time of data input before clock (low to high) transition
10
-
-
ns
tHDAT
Hold Time of data input after clock (low to high) transition
10
-
-
ns
tSFR
Forward/
(FOR/
) Set-up Time before clock (low to
high) transition
100
tDSTB
Minimum Delay to latch
after clock (low to high) transition
10
-
-
ns
tSSTB
Minimum Delay to latch
before clock (low to high) transition
10
-
-
ns
tSTB
Latch
Low Level Pulse Duration
20
-
-
ns
tBLK
Blanking
Pulse Duration
500
-
-
ns
tPOL
Polarity
Pulse Duration
500
-
-
ns
Symbol
Parameter
Min.
Typ. Max. Unit
tCLK
Data clock Period
50
-
-
ns
tRDAT
Logical Data Output Rise Time (CL=10pF)
-
12
20
ns
tFDAT
Logical Data Output Fall Time (CL=10pF)
-
11
20
ns
tPHL1
tPLH1
Delay of logic data output (high to low transition) after clock (CLK) transition
Delay of logic data output (low to high transition) after clock (CLK) transition
-
-
30
30
50
50
ns
ns
tPHL2
tPLH2
Delay of power output change (high to low transition) after clock (CLK) transition
Delay of power output change (low to high transition) after clock (CLK) transition
-
-
135
80
180
180
ns
ns
tPHL3
tPLH3
Delay of power output change (high to low transition) after Latch (STB) transition
Delay of power output change (low to high transition) after Latch (STB) transition
-
-
115
70
165
165
ns
ns
tPHL4
tPLH4
Delay of power output change (high to low transition) to Blank or Polarity
(
,
) transition
Delay of power output change (low to high transition) to Blank or Polarity
(
,
) transition
-
-
100
55
160
160
ns
ns
tROUT
Power Output Rise Time ( Note 6)
-
50
150
ns
tFOUT
Power Output Fall Time ( Note 6)
-
80
200
ns
reverse
REV
ST B
()
ST B
()
ST B
()
BLK
()
PO L
()
BLK PO L
BLK PO L
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com