Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7610 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV7610
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7610 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV7610 Datasheet HTML 8Page - STMicroelectronics STV7610 Datasheet HTML 9Page - STMicroelectronics STV7610 Datasheet HTML 10Page - STMicroelectronics STV7610 Datasheet HTML 11Page - STMicroelectronics STV7610 Datasheet HTML 12Page - STMicroelectronics STV7610 Datasheet HTML 13Page - STMicroelectronics STV7610 Datasheet HTML 14Page - STMicroelectronics STV7610 Datasheet HTML 15Page - STMicroelectronics STV7610 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
STV7610A
12/17
ELECTRICAL CHARACTERISTICS
(VCC =5 V, VPP =90 V, VSSP =0 V, VSSLOG =0 V, VSSSUB =0 V, Tamb =25°C, fCLK = 20 MHz, unless
otherwise specified)
Note 5 See test diagram page 14.
Symbol
Parameter
Test Conditio ns
Min.
Typ.
Max.
Unit
SUPPLY
VCC
Logic Supply Voltage
4.5
5
5.5
V
ICCH
Logic Supply Current (all inputs high)
-
-
100
µA
ICCL
Logic Dynamic Supply Current
fCLK = 20 MHz
-
26
-
mA
VPP
Power Output Supply Voltage
15
-
90
V
IPPH
Power Output Supply Current
(steady outputs)
--
100
µA
OUTPUT (VPP = 15 V to 90 V)
OUT 1- OUT 96
VPOUTH
Power Output Voltage Drop
(High Level) (versus VPP)
IPOUTH = - 30 mA
IPOUTH = - 45mA
-
-
4.0
4.5
6.0
6.5
V
V
VPOUTL
Power Output Voltage Drop
(Low Level)
IPOUTL =+30 mA
-
1.6
4
V
VDOUTH
Output Diode Voltage (High Level)
IDOUTH = +45 mA ( Note 5)
-
1.05
4
V
VDOUTL
Output Diode Low Level
IDOUTL = - 30mA ( Note 5)
-
-0.95
-4
V
A1-A6, B1-B6
VOH
Logic Output (High Level)
IOH = -1 mA
4
4.2
-
V
VOL
Logic Output (Low Level)
IOL = +1 mA
-
0.12
0.4
V
INPUT
CLK, FOR/
, STB,
,
, A1-A6, B1-B6
VIH
Input Voltage (High Level)
0.8 VCC
--
V
VIL
Input Voltage (Low Level)
-
-
0.2VCC
V
IIH
High Level Input Current
VIH =VCC
--
10
µA
IIL
Low Level Input Current
CLK, A1-A6, B1-B6, STB,
FOR/
,
,
VIL =0 V
-
-
-
-
-10
-40
µA
µA
REV
PO L BLK
REV
BLK
PO L
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com