Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9379F Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV9379F
Description  VERTICAL DEFLECTION BOOSTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9379F Datasheet(HTML) 2 Page - STMicroelectronics

  STV9379F Datasheet HTML 1Page - STMicroelectronics STV9379F Datasheet HTML 2Page - STMicroelectronics STV9379F Datasheet HTML 3Page - STMicroelectronics STV9379F Datasheet HTML 4Page - STMicroelectronics STV9379F Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWER
AMPLIFIER
4
5
7
THERMAL
PROTECTION
1
2
6
3
INVERTING INPUT
NON-INVERTING INPUT
OUTPUT
GROUND or NEGATIVE SUPPLY
FLYBACK
SUPPLY
OUTPUT
STAGE
SUPPLY
SUPPLY
VOLTAGE
STV9379F
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (Pin 2) (see note 1)
50
V
V6
Flyback Peak Voltage (Pin 6) (see note 1)
100
V
V1 , V7
Amplifier Input Voltage (Pins 1-7) (see note 1)
- 0.3, + VS
V
IO
Maximum Output Peak Current (see notes 2 and 3)
1.5
A
I3
Maximum Sink Current (t < 1ms)
1.5
A
I3
Maximum Source Current (t < 1ms) (in the diode, see Block Diagram)
(see note 2)
1.5
A
VESD
ESD susceptibility : EIAJ Norm (200pF discharged through 0
Ω)300
V
V3 - V2
Voltage Difference between Flyback Supply and Supply Voltage
50
V
Toper
Operating Ambient Temperature
- 20, + 75
oC
Tstg
Storage Temperature
- 40, + 150
oC
Tj
Junction Temperature
+150
oC
Notes :
1.
Versus Pin 4.
2.
The output current can reach 4A peak for t
≤ 10µs (up to 120Hz).
3.
Provided SOAR is respected (see Figures 1 and 2).
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance
Max.
3
oC/W
Tt
Temperature for Thermal Shutdown
150
oC
∆Tt
Hysteresis on Tt
10
oC
Tjr
Recommended Max. Junction Temperature
120
oC
STV9379F
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com