Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9379F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV9379F
Description  VERTICAL DEFLECTION BOOSTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9379F Datasheet(HTML) 4 Page - STMicroelectronics

  STV9379F Datasheet HTML 1Page - STMicroelectronics STV9379F Datasheet HTML 2Page - STMicroelectronics STV9379F Datasheet HTML 3Page - STMicroelectronics STV9379F Datasheet HTML 4Page - STMicroelectronics STV9379F Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Vertical
Position
Adjustment
POWER
AMPLIFIER
4
5
7
R5
R2
R1
1
2
6
Flyback
Supply
Ly
Yoke
Rd (*)
+V
S
STV9379F
THERMAL
PROTECTION
3
Ly
50
m s
Ly
20
m s
< Rd <
V
REF+
-V
EE
(*)
APPLICATION CIRCUITS (continued)
DC COUPLING
10
1
10
10
-1
-2
110
10 2
I
(A)
C
V(V)
CE
@ T case = 25˚C
t = 1ms
t = 10ms
t = 100ms
Figure 1 : Output Transistors SOA
(for secondary breakdown)
100
90
80
70
60
25
50
75
100
125
ISB (%)
Tcase (˚C)
Figure 2 : Secondary Breakdown Temperature
Derating Curve
(ISB = secondary breakdown current)
STV9379F
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com