Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9379F Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV9379F
Description  VERTICAL DEFLECTION BOOSTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9379F Datasheet(HTML) 3 Page - STMicroelectronics

  STV9379F Datasheet HTML 1Page - STMicroelectronics STV9379F Datasheet HTML 2Page - STMicroelectronics STV9379F Datasheet HTML 3Page - STMicroelectronics STV9379F Datasheet HTML 4Page - STMicroelectronics STV9379F Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
(VS = 42V, TA = 25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage Range
Versus Pin 4
10
42
V
V3M
Operating Flyback Supply Voltage (V3M
≤ VS + 50V) Versus Pin 4
VS
90
V
I2
Pin 2 Quiescent Current
I3 = 0, I5 = 0
13
20
mA
I6
Pin 6 Quiescent Current
I3 = 0, I5 = 0
5
10
30
mA
IO
Max. Operating Peak Output Current
1.0
A
I1
Amplifier Bias Current
V1 = 22V, V7 = 23V
- 0.15
- 1
µA
I7
Amplifier Bias Current
V1 = 23V, V7 = 22V
- 0.15
- 1
µA
VIO
Offset Voltage
7mV
∆VIO/dt
Offset Drift versus Temperature
- 10
µV/oC
GV
Voltage Gain
80
dB
V5L
Output Saturation Voltage to GND (Pin 4)
I5 = 1.0A
1
1.5
V
V5H
Output Saturation Voltage to Supply (Pin 6)
I5 = - 1.0A
1.6
2.1
V
VD5 - 6
Diode Forward Voltage between Pins 5-6
I5 = 1.0A
1.5
2.0
V
VD3 - 6
Diode Forward Voltage between Pins 3-6
I3 = 1.0A
1.6
2.0
V
V3-6
Voltage Drop between Pins 3-6 (2nd part of flyback)
I3 = - 1.0A
2.6
3.0
V
POWER
AMPLIFIER
4
5
7
R5
R3
R2
R4
R1
1
2
6
Flyback
Supply
V
REF
Ly
Yoke
Rd (*)
+V
S
C
L
STV9379F
THERMAL
PROTECTION
3
Ly
50
m s
Ly
20
m s
< Rd <
(*)
APPLICATION CIRCUITS
AC COUPLING
STV9379F
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com